Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 462 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 462 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 458Page - Renesas Technology Corp M16C/29 Datasheet HTML 459Page - Renesas Technology Corp M16C/29 Datasheet HTML 460Page - Renesas Technology Corp M16C/29 Datasheet HTML 461Page - Renesas Technology Corp M16C/29 Datasheet HTML 462Page - Renesas Technology Corp M16C/29 Datasheet HTML 463Page - Renesas Technology Corp M16C/29 Datasheet HTML 464Page - Renesas Technology Corp M16C/29 Datasheet HTML 465Page - Renesas Technology Corp M16C/29 Datasheet HTML 466Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 438
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
22.8.2 UART Mode
22.8.2.1 Special Mode 1 (I2C bus Mode)
When generating start, stop and restart conditions, set the STSPSEL bit in the U2SMR4 register to 0
and wait for more than half cycle of the transfer clock before setting each condition generate bit
(STAREQ, RSTAREQ and STPREQ) from 0 to 1.
22.8.2.2 Special Mode 2
_____
If a low-level signal is applied to the SD pin when the IVPCR1 bit in the TB2SC register is set to 1
_____
(three-phase output forcible cutoff by input on SD pin enabled), the RTS2 and CLK2 pins go to a high-
impedance state.
22.8.2.3 Special Mode 4 (SIM Mode)
A transmit interrupt request is generated by setting the U2C1 register U2IRS bit to 1 (transmission
complete) and U2ERE bit to 1 (error signal output) after reset. Therefore, when using SIM mode, be
sure to clear the IR bit to 0 (no interrupt request) after setting these bits.
22.8.3 SI/O3, SI/O4
The SOUTi default value which is set to the SOUTi pin by the SMi7 bit approximately 10ns may be output
when changing the SMi3 bit from 0 (I/O port) to 1 (SOUTi output and CLKfunction) while the SMi2 bit in
the SiC (i=3 and 4) to 0 (SOUTi output) and the SMi6 bit is set to 1 (internal clock). And then the SOUTi
pin is held high-impedance.
If the level which is output from the SOUTi pin is a problem when changing the SMi3 bit from 0 to 1, set the
default value of the SOUTi pin by the SMi7 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com