Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 461 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 457Page - Renesas Technology Corp M16C/29 Datasheet HTML 458Page - Renesas Technology Corp M16C/29 Datasheet HTML 459Page - Renesas Technology Corp M16C/29 Datasheet HTML 460Page - Renesas Technology Corp M16C/29 Datasheet HTML 461Page - Renesas Technology Corp M16C/29 Datasheet HTML 462Page - Renesas Technology Corp M16C/29 Datasheet HTML 463Page - Renesas Technology Corp M16C/29 Datasheet HTML 464Page - Renesas Technology Corp M16C/29 Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 437
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
22.8 Serial I/O
22.8.1 Clock-Synchronous Serial I/O
22.8.1.1 Transmission/reception
_______
________
1. With an external clock selected, and choosing the RTS function, the output level of the RTSi pin
goes to “L” when the data-receivable status becomes ready, which informs the transmission side
________
that the reception has become ready. The output level of the RTSi pin goes to “H” when reception
________
________
starts. So if the RTSi pin is connected to the CTSi pin on the transmission side, the circuit can
_______
transmission and reception data with consistent timing. With the internal clock, the RTS function
has no effect.
_____
2. If a low-level signal is applied to the SD pin when the IVPCR1 bit in the TB2SC register is set to 1
_____
(three-phase output forcible cutoff by input on SD pin enabled), the P73/RTS2/TxD1(when the
U1MAP bit in PACR register is 1) and CLK2 pins go to a high-impedance state.
22.8.1.2 Transmission
When an external clock is selected, the conditions must be met while if the CKPOL bit in the UiC0
register is set to 0 (transmit data output at the falling edge and the receive data taken in at the rising
edge of the transfer clock), the external clock is in the high state; if the CKPOL bit in the UiC0 register
is set to 1 (transmit data output at the rising edge and the receive data taken in at the falling edge of the
transfer clock), the external clock is in the low state.
• The TE bit in UiC1 register is set to 1 (transmission enabled)
• The TI bit in UiC1 register is set to 0 (data present in UiTB register)
_______
_______
• If CTS function is selected, input on the CTSi pin is set to “L”
22.8.1.3 Reception
1. In operating the clock-synchronous serial I/O, operating a transmitter generates a shift clock. Fix
settings for transmission even when using the device only for reception. Dummy data is output to
the outside from the TxDi pin when receiving data.
2. When an internal clock is selected, set the TE bit in the UiC1 register (i = 0 to 2) to 1 (transmission
enabled) and write dummy data to the UiTB register, and the shift clock will thereby be generated.
When an external clock is selected, set the TE bit in the UiC1 register (i = 0 to 2) to 1 and write dummy
data to the UiTB register, and the shift clock will be generated when the external clock is fed to the CLKi
input pin.
3. When successively receiving data, if all bits of the next receive data are prepared in the UARTi
receive register while the RE bit in the UiC1 register (i = 0 to 2) is set to 1 (data present in the UiRB
register), an overrun error occurs and the UiRB register OER bit is set to 1 (overrun error occurred).
In this case, because the content of the UiRB register is undefined, a corrective measure must be
taken by programs on the transmit and receive sides so that the valid data before the overrun error
occurred will be retransmitted. Note that when an overrun error occurred, the SiRIC register IR bit
does not change state.
4. To receive data in succession, set dummy data in the lower-order byte of the UiTB register every
time reception is made.
5. When an external clock is selected, make sure the external clock is in high state if the CKPOL bit is
set to 0, and in low state if the CKPOL bit is set to 1 before the following conditions are met:
• The RE bit in the UiC1 register is set to 1 (reception enabled)
• The TE bit in the UiC1 register is set to 1 (transmission enabled)
• The TI bit in the UiC1 register= 0 (data present in the UiTB register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com