Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 460 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 460 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 456Page - Renesas Technology Corp M16C/29 Datasheet HTML 457Page - Renesas Technology Corp M16C/29 Datasheet HTML 458Page - Renesas Technology Corp M16C/29 Datasheet HTML 459Page - Renesas Technology Corp M16C/29 Datasheet HTML 460Page - Renesas Technology Corp M16C/29 Datasheet HTML 461Page - Renesas Technology Corp M16C/29 Datasheet HTML 462Page - Renesas Technology Corp M16C/29 Datasheet HTML 463Page - Renesas Technology Corp M16C/29 Datasheet HTML 464Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 436
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
r
e
t
s
i
g
e
R
0
R
C
B
1
G
e
h
t
n
i
ti
B
T
Ir
e
t
s
i
g
e
R
R
R
T
B
1
G
)
s
w
o
lf
r
e
v
o
r
e
m
it
e
s
a
b
e
h
t
n
i
5
1
ti
b
(
0
F
F
F
7
0
6
1
E
F
F
F
0
o
t
6
1
)
s
w
o
lf
r
e
v
o
r
e
m
it
e
s
a
b
e
h
t
n
i
4
1
ti
b
(
1
F
F
F
3
0
6
1
E
F
F
F
0
o
t
6
1
r
o
F
F
F
B
0
6
1
E
F
F
F
0
o
t
6
1
22.7.2 Rewrite the ICOCiIC Register
When the interrupt request to the ICOCiIC register is generated during the instruction process, the IR bit
may not be set to 1 (interrupt requested) and the interrupt request may not be acknowledged. At that time,
when the bit in the G1IR register is held to 1 (interrupt requested), the following IC/OC interrupt request
will not be generated. When changing the ICOCiIC register settiing, use the following instruction.
Subject instructions: AND, OR, BCLR, BSET
When initializing Timer S, change the ICOCiIC register setting with the request again after setting regis-
ters IOCiIC and G1IR to 0016.
22.7.3 Waveform Generating Function
1. If the BTS bit in the G1BCR1 register is set to 0 (base timer is reset) when the waveform is generating
and the base timer is stopped counting, the waveform output pin keeps the same output level. The output
level will be changed when the base timer and the G1POj register match the setting value next time after
the base timer starts counting again.
2. If the G1POCRj register is set when the waveform is generated, the same setting value of the IVL bit is
applied to the waveform generating pin. Do not set the G1POCRj register when the waveform is generat-
ing.
3. When the RST1 bit in the G1BCR1 register is set to 1 (the base timer is reset by matching the G1PO0
register), the base timer is reset after two clock cycles of fBT1 when the base timer value matches the
G1PO0 register value. A high-level ("H") signal is applied to the OUTC10 pin between the base timer
value match to the base timer reset.
22.7.4 IC/OC Base Timer Interrupt
If the MCU is operated in the combination selected from Table 22.1 for use when the RST4 bit in the
G1BCR0 register is set to 1 (reset the base timer that matches the G1BTRR register) to reset the base
timer, an IC/OC base timer interrupt request is generated twice.
Table 22.1 Uses of IT Bit in the G1BCR0 Register and G1BTRR Register
The second IC/OC base timer interrupt request is generated because the base timer overflow request is
generated after one fBT1 clock cycle as soon as the base timer is reset.
One of the following conditions must be met in order not to generate the IC/OC base timer interrupt
request twice:
1) When the RST4 bit is set to 1, set the G1BTRR register with a combination other than what is listed in
Table 22.1
.
2) Do not reset the base timer by matching the G1BTRR register. Reset the base timer by matching the
G1P00 register. In other words, do not set the RST4 bit to 1 to reset the base timer. Set the RST1 bit in
the G1BCR1 register to 1 (reset the base timer that matches the G1P00 register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com