Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 463 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 459Page - Renesas Technology Corp M16C/29 Datasheet HTML 460Page - Renesas Technology Corp M16C/29 Datasheet HTML 461Page - Renesas Technology Corp M16C/29 Datasheet HTML 462Page - Renesas Technology Corp M16C/29 Datasheet HTML 463Page - Renesas Technology Corp M16C/29 Datasheet HTML 464Page - Renesas Technology Corp M16C/29 Datasheet HTML 465Page - Renesas Technology Corp M16C/29 Datasheet HTML 466Page - Renesas Technology Corp M16C/29 Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 439
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
MCU
VCC
VSS
AVCC
AVSS
VREF
ANi
C4
C1
C2
C3
VCC
VCC
NOTES:
1. C1 ≥ 0.47 µF, C2 ≥ 0.47 µF, C3 ≥ 100 pF, C4 ≥ 0.1 µF (reference)
2. Use thick and shortest possible wiring to connect capacitors.
ANi: ANi, AN0i, AN2i (i=0 to 7), and AN3i (i=0 to 2)
22.9 A/D Converter
1. Set registers ADCON0 (except bit 6), ADCON1, ADCON2 and ADTRGCON when A/D conversion is
stopped (before a trigger occurs).
2. When the VCUT bit in ADCON1 register is changed from 0 (Vref not connected) to 1 (Vref connected),
start A/D conversion after passing 1 µs or longer.
3. To prevent noise-induced device malfunction or latchup, as well as to reduce conversion errors, insert
capacitors between the AVCC, VREF, and analog input pins (ANi, AN0i, AN2i(i=0 to 7), and AN3i(i=0 to
2)) each and the AVSS pin. Similarly, insert a capacitor between the VCC1 pin and the VSS pin. Figure
22.4
is an example connection of each pin.
4. Make sure the port direction bits for those pins that are used as analog inputs are set to 0 (input mode).
Also, if the TGR bit in the ADCON0 register is set to 1 (external trigger), make sure the port direction bit
___________
for the ADTRG pin is set to 0 (input mode).
5.
When using key input interrupts, do not use any of the four AN4 to AN7 pins as analog inputs. (A key
input interrupt request is generated when the A/D input voltage goes low.)
6. The φAD frequency must be 10 MHz or less. Without sample-and-hold function, limit the φAD frequency
to 250kHZ or more. With the sample and hold function, limit the φAD frequency to 1MHZ or more.
7. When changing an A/D operation mode, select analog input pin again in bits CH2 to CH0 in the
ADCON0 register and bits SCAN1 to SCAN0 in the ADCON1 register.
Figure 22.4 Use of capacitors to reduce noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com