Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 459 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 459 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 455Page - Renesas Technology Corp M16C/29 Datasheet HTML 456Page - Renesas Technology Corp M16C/29 Datasheet HTML 457Page - Renesas Technology Corp M16C/29 Datasheet HTML 458Page - Renesas Technology Corp M16C/29 Datasheet HTML 459Page - Renesas Technology Corp M16C/29 Datasheet HTML 460Page - Renesas Technology Corp M16C/29 Datasheet HTML 461Page - Renesas Technology Corp M16C/29 Datasheet HTML 462Page - Renesas Technology Corp M16C/29 Datasheet HTML 463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 435
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
22.7 Timer S
22.7.1 Rewrite the G1IR Register
Bits in the G1IR register are not automatically set to 0 (no interrupt requested) even if a requested inter-
rupt is acknowledged. Set each bit to 0 by program after the interrupt requests are verified.
The IC/OC interrupt is generated when any bit in the G1IR register is set to 1 (interrupt requested) after all
the bits are set to 0. If conditions to generate an interrupt are met when the G1IR register holds the value
other than 0016, the IC/OC interrupt request will not be generated. In order to enable an IC/OC interrupt
request again, clear the G1IR register to 0016. Use the following instructions to set each bit in the G1IR
register to 0.
Subject instructions: AND, BCL
Figure 22.3
shows an example of IC/OC interrupt i flow chart.
Interrupt(1)
Set the G1IRi bit to 0
Set the G1IRj bit to 0
Process channel i waveform generating interrupt
Process channel j time measurement interrupt
Interrupt completed
NOTE:
1. Example for the interrupt operation when using the channel i waveform generating interrupt and
channel j time measurement interrupt.
G1IRi = 1 ?
G1IRj = 1 ?
G1IR = 0 ?
No
No
No
Yes
Yes
Yes
Figure 22.3 IC/OC Interrupt i Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com