Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 451Page - Renesas Technology Corp M16C/29 Datasheet HTML 452Page - Renesas Technology Corp M16C/29 Datasheet HTML 453Page - Renesas Technology Corp M16C/29 Datasheet HTML 454Page - Renesas Technology Corp M16C/29 Datasheet HTML 455Page - Renesas Technology Corp M16C/29 Datasheet HTML 456Page - Renesas Technology Corp M16C/29 Datasheet HTML 457Page - Renesas Technology Corp M16C/29 Datasheet HTML 458Page - Renesas Technology Corp M16C/29 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 431
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
22.6.1.3 Timer A (One-shot Timer Mode)
1. The timer remains idle after reset. Set the mode, count source, counter value, etc. using the TAiMR
(i = 0 to 4) register, the TAi register, bits TA0TGL and TA0TGH in the ONSF register and the
TRGSR register before setting the TAiS bit in the TABSR register to 1 (count starts).
Always make sure bits TA0TGL and TA0TGH in the TAiMR register, the ONSF register, and the
TRGSR register are modified while the TAiS bit remains 0 (count stops) regardless whether after
reset or not.
2. When setting TAiS bit to 0 (count stop), the followings occur:
• A counter stops counting and a content of reload register is reloaded.
• TAiOUT pin outputs “L”.
• After one cycle of the CPU clock, the IR bit in TAiIC register is set to 1 (interrupt request).
3. Output in one-shot timer mode synchronizes with a count source internally generated. When the
external trigger has been selected, a maximun delay of one cycle of the count source occurs be-
tween the trigger input to TAiIN pin and output in one-shot timer mode.
4. The IR bit is set to 1 when timer operation mode is set with any of the following procedures:
• Select one-shot timer mode after reset.
• Change an operation mode from timer mode to one-shot timer mode.
• Change an operation mode from event counter mode to one-shot timer mode.
To use the timer Ai interrupt (the IR bit), set the IR bit to 0 after the changes listed above have been
made.
5. When a trigger occurs while the timer is counting, the counter reloads the reload register value, and
continues counting after a second trigger is generated and the counter is decremented once. To
generate a trigger while counting, space more than one cycle of the timer count source from the first
trigger and generate again.
6. When selecting the external trigger for the count start conditions in timer A one-shot timer mode, do
generate an external trigger 300ns before the count value of timer A is set to 000016. The one-shot
timer does not continue counting and may stop.
7.
_____
If a low-level signal is applied to the SD pin when the IVPCR1 bit in the TB2SC register is set to 1
_____
(three-phase output forcible cutoff by input on SD pin enabled), the TA1OUT, TA2OUT and TA4OUT
pins go to a high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com