Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 452 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 452 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 448Page - Renesas Technology Corp M16C/29 Datasheet HTML 449Page - Renesas Technology Corp M16C/29 Datasheet HTML 450Page - Renesas Technology Corp M16C/29 Datasheet HTML 451Page - Renesas Technology Corp M16C/29 Datasheet HTML 452Page - Renesas Technology Corp M16C/29 Datasheet HTML 453Page - Renesas Technology Corp M16C/29 Datasheet HTML 454Page - Renesas Technology Corp M16C/29 Datasheet HTML 455Page - Renesas Technology Corp M16C/29 Datasheet HTML 456Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 428
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
22.4.6 Rewrite the Interrupt Control Register
(1) The interrupt control register for any interrupt should be modified in places where no requests for that
interrupt may occur. Otherwise, disable the interrupt before rewriting the interrupt control register.
(2) To rewrite the interrupt control register for any interrupt after disabling that interrupt, be careful with the
instruction to be used.
Changing any bit other than the IR bit
If while executing an instruction, a request for an interrupt controlled by the register being modified
occurs, the IR bit in the register may not be set to 1 (interrupt requested), with the result that the
interrupt request is ignored. If such a situation presents a problem, use the instructions shown below
to modify the register.
Usable instructions: AND, OR, BCLR, BSET
Changing the IR bit
Depending on the instruction used, the IR bit may not always be cleared to 0 (interrupt not requested).
Therefore, be sure to use the MOV instruction to clear the IR bit.
(3) When using the I flag to disable an interrupt, refer to the sample program fragments shown below as
you set the I flag. (Refer to (2) for details about rewrite the interrupt control registers in the sample
program fragments.)
22.4.7 Watchdog Timer Interrupt
Initialize the watchdog timer after the watchdog timer interrupt occurs.
Examples 1 through 3 show how to prevent the I flag from being set to 1 (interrupts enabled) before the
interrupt control register is rewrited, due to the internal bus and the instruction queue buffer.
Example 1: Using the NOP instruction to keep the program waiting until the
interrupt control register is modified
INT_SWITCH1:
FCLR
I
; Disable interrupts
AND.B
#00h, 0055h
;Set the TA0IC register to 0016
NOP
;
NOP
FSET
I
; Enable interrupts
The number of NOP instruction is as follows.
PM20 = 1 (1 wait) : 2, PM20 = 0 (2 waits): 3
Example 2:Using the dummy read to keep the FSET instruction waiting
INT_SWITCH2:
FCLR
I
; Disable interrupts
AND.B
#00h, 0055h
; Set the TA0IC register to 0016
MOV.W MEM, R0
; Dummy read
FSET
I
; Enable interrupts
Example 3:Using the POPC instruction to changing the I flag
INT_SWITCH3:
PUSHC FLG
FCLR
I
; Disable interrupts
AND.B
#00h, 0055h
; Set the TA0IC register to 0016
POPC
FLG
; Enable interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com