Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 444Page - Renesas Technology Corp M16C/29 Datasheet HTML 445Page - Renesas Technology Corp M16C/29 Datasheet HTML 446Page - Renesas Technology Corp M16C/29 Datasheet HTML 447Page - Renesas Technology Corp M16C/29 Datasheet HTML 448Page - Renesas Technology Corp M16C/29 Datasheet HTML 449Page - Renesas Technology Corp M16C/29 Datasheet HTML 450Page - Renesas Technology Corp M16C/29 Datasheet HTML 451Page - Renesas Technology Corp M16C/29 Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 424
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
5. Wait until the main clock oscillation stabilization time, before switching the CPU clock source to the
main clock.
Similarly, wait until the sub clock oscillates stably before switching the CPU clock source to the sub
clock.
6. Suggestions to reduce power consumption
(a) Ports
The processor retains the state of each I/O port even when it goes to wait mode or to stop mode. A
current flows in active I/O ports. A dash current may flow through the input ports in high impedance
state, if the input is floating. When entering wait mode or stop mode, set non-used ports to input and
stabilize the potential.
(b) A/D converter
When A/D conversion is not performed, set the VCUT bit in ADiCON1 register to 0 (no Vref connec-
tion). When A/D conversion is performed, start the A/D conversion at least 1 µs or longer after setting
the VCUT bit to 1 (Vref connection).
(c) Stopping peripheral functions
Use the CM0 register CM02 bit to stop the unnecessary peripheral functions during wait mode.
However, because the peripheral function clock (fC32) generated from the sub-clock does not stop,
this measure is not conducive to reducing the power consumption of the chip. If low speed mode or
low power dissipation mode is to be changed to wait mode, set the CM02 bit to 0 (do not peripheral
function clock stopped when in wait mode), before changing wait mode.
(d) Switching the oscillation-driving capacity
Set the driving capacity to “LOW” when oscillation is stable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com