Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 447 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 443Page - Renesas Technology Corp M16C/29 Datasheet HTML 444Page - Renesas Technology Corp M16C/29 Datasheet HTML 445Page - Renesas Technology Corp M16C/29 Datasheet HTML 446Page - Renesas Technology Corp M16C/29 Datasheet HTML 447Page - Renesas Technology Corp M16C/29 Datasheet HTML 448Page - Renesas Technology Corp M16C/29 Datasheet HTML 449Page - Renesas Technology Corp M16C/29 Datasheet HTML 450Page - Renesas Technology Corp M16C/29 Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 423
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
22.2.2 Power Control
1. When exiting stop mode by hardware reset, the device will startup using the on-chip oscillator.
2. Set the MR0 bit in the TAiMR register(i=0 to 4) to 0 (pulse is not output) to use the timer A to exit stop
mode.
3. When entering wait mode, insert a JMP.B instruction before a WAIT instruction. Do not excute any
instructions which can generate a write to RAM between the JMP.B and WAIT instructions. Disable the
DMA transfers, if a DMA transfer may occur between the JMP.B and WAIT instructions. After the WAIT
instruction, insert at least 4 NOP instructions. When entering wait mode, the instruction queue reads
ahead the instructions following WAIT, and depending on timing, some of these may execute before the
MCU enters wait mode.
Program example when entering wait mode
Program Example:
JMP.B
L1
; Insert JMP.B instruction before WAIT instruction
L1:
FSET
I
;
WAIT
; Enter wait mode
NOP
; More than 4 NOP instructions
NOP
NOP
NOP
4. When entering stop mode, insert a JMP.B instruction immediately after executing an instruction which
sets the CM10 bit in the CM1 register to 1, and then insert at least 4 NOP instructions. When entering
stop mode, the instruction queue reads ahead the instructions following the instruction which sets the
CM10 bit to 1 (all clock stops), and, some of these may execute before the MCU enters stop mode or
before the interrupt routine for returning from stop mode.
Program example when entering stop mode
Program Example:
FSET
I
BSET
CM10
; Enter stop mode
JMP.B
L2
; Insert JMP.B instruction
L1:
NOP
; More than 4 NOP instructions
NOP
NOP
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com