Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 450 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 446Page - Renesas Technology Corp M16C/29 Datasheet HTML 447Page - Renesas Technology Corp M16C/29 Datasheet HTML 448Page - Renesas Technology Corp M16C/29 Datasheet HTML 449Page - Renesas Technology Corp M16C/29 Datasheet HTML 450Page - Renesas Technology Corp M16C/29 Datasheet HTML 451Page - Renesas Technology Corp M16C/29 Datasheet HTML 452Page - Renesas Technology Corp M16C/29 Datasheet HTML 453Page - Renesas Technology Corp M16C/29 Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 426
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
22.4 Interrupts
22.4.1 Reading Address 0000016
Do not read the address 0000016 in a program. When a maskable interrupt request is accepted, the CPU
reads interrupt information (interrupt number and interrupt request priority level) from the address
0000016 during the interrupt sequence. At this time, the IR bit for the accepted interrupt is cleared to 0.
If the address 0000016 is read in a program, the IR bit for the interrupt which has the highest priority
among the enabled interrupts is cleared to 0. This causes a problem that the interrupt is canceled, or an
unexpected interrupt request is generated.
22.4.2 Setting the SP
Set any value in the SP(USP, ISP) before accepting an interrupt. The SP(USP, ISP) is cleared to 000016
after reset. Therefore, if an interrupt is accepted before setting any value in the SP(USP, ISP), the pro-
gram may go out of control.
_______
22.4.3 NMI Interrupt
_______
_______
1. The NMI interrupt is invalid after reset. The NMI interrupt becomes effective by setting the PM24 bit in
_______
the PM2 register to “1”. Set the PM24 bit to "1" when a high-level signal ("H") is applied to the NMI pin.
_______
_______
If the PM24 bit is set to "1" when a low-level signal ("L") is applied, NMI interrupt is generated. Once NMI
interrupt is enabled, it will not be disabled unless a reset is applied.
_______
2. The input level of the NMI pin can be read by accessing the P8_5 bit in the P8 register.
_______
_______
3. When selecting NMI function, stop mode cannot be entered into while input on the NMI pin is low. This
_______
is because while input on the NMI pin is low the CM1 register’s CM10 bit is fixed to 0.
_______
_______
4. When selecting NMI function, do not go to wait mode while input on the NMI pin is low. This is because
_______
when input on the NMI pin goes low, the CPU stops but CPU clock remains active; therefore, the current
consumption in the chip does not drop. In this case, normal condition is restored by an interrupt gener-
ated thereafter.
_______
_______
5. When selecting NMI function, the low and high level durations of the input signal to the NMI pin must
each be 2 CPU clock cycles + 300 ns or more.
_______
6. When using the NMI interrupt for exiting stop mode, set the NDDR register to FF16 (disable digital
debounce filter) before entering stop mode.
22.4.4 Changing the Interrupt Generate Factor
If the interrupt generate factor is changed, the IR bit in the interrupt control register for the changed
interrupt may inadvertently be set to 1 (interrupt requested). If you changed the interrupt generate factor
for an interrupt that needs to be used, be sure to clear the IR bit for that interrupt to 0 (interrupt not
requested).
“Changing the interrupt generate factor” referred to here means any act of changing the source, polarity
or timing of the interrupt assigned to each software interrupt number. Therefore, if a mode change of any
peripheral function involves changing the generate factor, polarity or timing of an interrupt, be sure to
clear the IR bit for that interrupt to 0 (interrupt not requested) after making such changes. Refer to the
description of each peripheral function for details about the interrupts from peripheral functions.
Figure 22.2
shows the procedure for changing the interrupt generate factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com