Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 454 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 454 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 450Page - Renesas Technology Corp M16C/29 Datasheet HTML 451Page - Renesas Technology Corp M16C/29 Datasheet HTML 452Page - Renesas Technology Corp M16C/29 Datasheet HTML 453Page - Renesas Technology Corp M16C/29 Datasheet HTML 454Page - Renesas Technology Corp M16C/29 Datasheet HTML 455Page - Renesas Technology Corp M16C/29 Datasheet HTML 456Page - Renesas Technology Corp M16C/29 Datasheet HTML 457Page - Renesas Technology Corp M16C/29 Datasheet HTML 458Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 430
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
22.6 Timers
22.6.1 Timer A
22.6.1.1 Timer A (Timer Mode)
1. The timer remains idle after reset. Set the mode, count source, counter value, etc. using the TAiMR
(i = 0 to 4) register and the TAi register before setting the TAiS bit in the TABSR register to 1 (count
starts).
Always make sure the TAiMR register is modified while the TAiS bit remains 0 (count stops) regard-
less whether after reset or not.
2. While counting is in progress, the counter value can be read out at any time by reading the TAi
register. However, if the TAi register is read at the same time the counter is reloaded, the read value
is always FFFF16. If the TAi register is read after setting a value in it, but before the counter starts
counting, the read value is the one that has been set in the register.
_____
3. If a low-level signal is applied to the SD pin when the IVPCR1 bit in the TB2SC register is set to 1
_____
(three-phase output forcible cutoff by input on SD pin enabled), the TA1OUT, TA2OUT and TA4OUT
pins go to a high-impedance state.
22.6.1.2 Timer A (Event Counter Mode)
1. The timer remains idle after reset. Set the mode, count source, counter value, etc. using the TAiMR
(i = 0 to 4) register, the TAi register, the UDF register, bits TAZIE, TA0TGL, and TA0TGH in the
ONSF register and the TRGSR register before setting the TAiS bit in the TABSR register to 1 (count
starts).
Always make sure bits TAZIE, TA0TGL, and TA0TGH in the TAiMR register, the UDF register, the
ONSF register, and the TRGSR register are modified while the TAiS bit remains 0 (count stops)
regardless whether after reset or not.
2. While counting is in progress, the counter value can be read out at any time by reading the TAi
register. However, if the TAi register is read at the same time the counter is reloaded, the read value
is always FFFF16 when the timer counter underflows and 000016 when the timer counter overflows.
If the TAi register is read after setting a value in it, but before the counter starts counting, the read
value is the one that has been set in the register.
_____
3. If a low-level signal is applied to the SD pin when the IVPCR1 bit in the TB2SC register is set to 1
_____
(three-phase output forcible cutoff by input on SD pin enabled), the TA1OUT, TA2OUT and TA4OUT
pins go to a high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com