Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 456 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 452Page - Renesas Technology Corp M16C/29 Datasheet HTML 453Page - Renesas Technology Corp M16C/29 Datasheet HTML 454Page - Renesas Technology Corp M16C/29 Datasheet HTML 455Page - Renesas Technology Corp M16C/29 Datasheet HTML 456Page - Renesas Technology Corp M16C/29 Datasheet HTML 457Page - Renesas Technology Corp M16C/29 Datasheet HTML 458Page - Renesas Technology Corp M16C/29 Datasheet HTML 459Page - Renesas Technology Corp M16C/29 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 432
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
22.6.1.4 Timer A (Pulse Width Modulation Mode)
1. The timer remains idle after reset. Set the mode, count source, counter value, etc. using bits
TA0TGL and TA0TGH in the TAiMR (i = 0 to 4) register, the TAi register, the ONSF register and the
TRGSR register before setting the TAiS bit in the TABSR register to 1 (count starts).
Always make sure bits TA0TGL and TA0TGH in the TAiMR register, the ONSF register and the
TRGSR register are modified while the TAiS bit remains 0 (count stops) regardless whether after
reset or not.
2. The IR bit is set to 1 when setting a timer operation mode with any of the following procedures:
• Select the PWM mode after reset.
• Change an operation mode from timer mode to PWM mode.
• Change an operation mode from event counter mode to PWM mode.
To use the timer Ai interrupt (interrupt request bit), set the IR bit to 0 by program after the above
listed changes have been made.
3. When setting TAiS register to 0 (count stop) during PWM pulse output, the following action occurs:
• Stop counting.
• When TAiOUT pin is output “H”, output level is set to “L” and the IR bit is set to 1.
• When TAiOUT pin is output “L”, both output level and the IR bit remains unchanged.
_____
4. If a low-level signal is applied to the SD pin when the IVPCR1 bit in the TB2SC register is set to 1
_____
(three-phase output forcible cutoff by input on SD pin enabled), the TA1OUT, TA2OUT and TA4OUT
pins go to a high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com