Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 453 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 453 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 449Page - Renesas Technology Corp M16C/29 Datasheet HTML 450Page - Renesas Technology Corp M16C/29 Datasheet HTML 451Page - Renesas Technology Corp M16C/29 Datasheet HTML 452Page - Renesas Technology Corp M16C/29 Datasheet HTML 453Page - Renesas Technology Corp M16C/29 Datasheet HTML 454Page - Renesas Technology Corp M16C/29 Datasheet HTML 455Page - Renesas Technology Corp M16C/29 Datasheet HTML 456Page - Renesas Technology Corp M16C/29 Datasheet HTML 457Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 453 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 429
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
22.5 DMAC
22.5.1 Write to DMAE Bit in DMiCON Register
When both of the conditions below are met, follow the steps below.
(a) Conditions
• The DMAE bit is set to 1 again while it remains set (DMAi is in an active state).
• A DMA request may occur simultaneously when the DMAE bit is being written.
(b) Procedure
(1) Write 1 to the DMAE bit and DMAS bit in DMiCON register simultaneously(1).
(2) Make sure that the DMAi is in an initial state(2) in a program.
If the DMAi is not in an initial state, the above steps should be repeated.
NOTES:
1. The DMAS bit remains unchanged even if 1 is written. However, if 0 is written to this bit, it is
set to 0 (DMA not requested). In order to prevent the DMAS bit from being modified to 0, 1
should be written to the DMAS bit when 1 is written to the DMAE bit. In this way the state of the
DMAS bit immediately before being written can be maintained.
Similarly, when writing to the DMAE bit with a read-modify-write instruction, 1 should be written to
the DMAS bit in order to maintain a DMA request which is generated during execution.
2. Read the TCRi register to verify whether the DMAi is in an initial state. If the read value is equal to
a value which was written to the TCRi register before DMA transfer start, the DMAi is in an initial
state. (If a DMA request occurs after writing to the DMAE bit, the value written to the TCRi register
is 1.) If the read value is a value in the middle of transfer, the DMAi is not in an initial state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com