Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 451 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 451 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 447Page - Renesas Technology Corp M16C/29 Datasheet HTML 448Page - Renesas Technology Corp M16C/29 Datasheet HTML 449Page - Renesas Technology Corp M16C/29 Datasheet HTML 450Page - Renesas Technology Corp M16C/29 Datasheet HTML 451Page - Renesas Technology Corp M16C/29 Datasheet HTML 452Page - Renesas Technology Corp M16C/29 Datasheet HTML 453Page - Renesas Technology Corp M16C/29 Datasheet HTML 454Page - Renesas Technology Corp M16C/29 Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 427
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
NOTES:
1.The above settings must be executed individually. Do not execute two or more settings
simultaneously (using one instruction).
2. Use the I flag for the INTi interrupt (i = 0 to 5).
For the interrupts from peripheral functions other than the INTi interrupt, turn off the
peripheral function that is the source of the interrupt in order not to generate an interrupt
request before changing the interrupt generate factor. In this case, if the maskable interrupts
can all be disabled without causing a problem, use the I flag. Otherwise, use the corresponding
bits ILVL2 to ILVL0 for the interrupt whose interrupt generate factor is to be changed.
3. Refer to 22.4.6 Rewrite the Interrupt Control Register for details about the
instructions to use and the notes to be taken for instruction execution.
Changing the interrupt source
Disable interrupts (2,3)
Use the MOV instruction to clear the IR bit to 0 (interrupt not requested) (3)
Change the interrupt generate factor (including a mode change of peripheral function)
Enable interrupts (2,3)
End of change
IR bit: A bit in the interrupt control register for the interrupt whose interrupt generate factor is to
be changed
Figure 22.2 Procedure for Changing the Interrupt Generate Factor
______
22.4.5 INT Interrupt
1. Either an “L” level of at least tW(INH) or an “H” level of at least tW(INL) width is necessary for the signal
input to pins INT0 through INT5 regardless of the CPU operation clock.
2. If the POL bit in registers INT0IC to INT5IC or bits IFSR7 to IFSR0 in the IFSR register are changed,
the IR bit may inadvertently set to 1 (interrupt requested). Be sure to clear the IR bit to 0 (interrupt not
requested) after changing any of those register bits.
3. When using the INT5 interrupt for exiting stop mode, set the P17DDR register to FF16 (disable digital
debounce filter) before entering stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com