Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 458 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 458 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 454Page - Renesas Technology Corp M16C/29 Datasheet HTML 455Page - Renesas Technology Corp M16C/29 Datasheet HTML 456Page - Renesas Technology Corp M16C/29 Datasheet HTML 457Page - Renesas Technology Corp M16C/29 Datasheet HTML 458Page - Renesas Technology Corp M16C/29 Datasheet HTML 459Page - Renesas Technology Corp M16C/29 Datasheet HTML 460Page - Renesas Technology Corp M16C/29 Datasheet HTML 461Page - Renesas Technology Corp M16C/29 Datasheet HTML 462Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 434
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
6. When a count is started and the first effective edge is input, an undefined value is transferred to the
reload register. At this time, timer Bi interrupt request is not generated.
7. A value of the counter is undefined at the beginning of a count. MR3 may be set to 1 and timer Bi
interrupt request may be generated between a count start and an effective edge input.
8. For pulse width measurement, pulse widths are successively measured. Use program to check
whether the measurement result is an “H” level width or an “L” level width.
22.6.3 Three-phase Motor Control Timer Function
When the IVPCR1 bit in the TB2SC register is set to 1 (three-phase output forced cutoff by SD pin input
(high-impedance) enabled), the INV03 bit in the INVC0 register is set to 1 (three-phase motor control
_____
timer output enabled), and a low-level ("L") signal is applied to the SD pin while a three-phase PWM
___
___
___
signal is output, the MCU is forced to cutoff and pins U, U, V, V, W, and W are placed in a high-impedance
state and the INV03 bit is set to 0 (three-phase motor control timer output disabled).
___
___
___
To resume the three-phase PWM signal output from pins U, U, V, V, W, and W, set the INV03 bit to 1 and
_____
the IVPCR1 bit to 0 (three-phase output forced cutoff disabled) after the SD pin level becomes "H". Then
set the IVPCR1 bit to 1 (three-phase output forced cutoff enabled) in order to enable the three-phase
output forced cutoff function by input to the SD pin again.
_____
The INV03 bit cannot be set to 1 while an "L" signal is input to the SD pin. To set the INV03 bit to 1 after
forcible cutoff, write 1 to the INV03 bit and read the bit to ensure that it is set to 1 by program. Then set the
IVPCR1 bit to 1 after setting it to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com