Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 469 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 465Page - Renesas Technology Corp M16C/29 Datasheet HTML 466Page - Renesas Technology Corp M16C/29 Datasheet HTML 467Page - Renesas Technology Corp M16C/29 Datasheet HTML 468Page - Renesas Technology Corp M16C/29 Datasheet HTML 469Page - Renesas Technology Corp M16C/29 Datasheet HTML 470Page - Renesas Technology Corp M16C/29 Datasheet HTML 471Page - Renesas Technology Corp M16C/29 Datasheet HTML 472Page - Renesas Technology Corp M16C/29 Datasheet HTML 473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 499 page
background image
p
u
o
r
G
9
2
/
C
6
1
M
22. Usage Notes
page 445
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
22.12 Programmable I/O Ports
_____
1. If a low-level signal is applied to the SD pin when the IVPCR1 bit in the TB2SC register is set to 1
_____
(three-phase output forcible cutoff by input on SD pin enabled), the P72 to P75, P80 and P81 pins go to
a high-impedance state.
2. The input threshold voltage of pins differs between programmable input/output ports and peripheral
functions.
Therefore, if any pin is shared by a programmable input/output port and a peripheral function and the
input level at this pin is outside the range of recommended operating conditions VIH and VIL (neither
“high” nor “low”), the input level may be determined differently depending on which side—the program-
mable input/output port or the peripheral function—is currently selected.
3.When the SM32 bit in the S3C register is set to 1, the P32 pin goes to high-impedance state. When the
SM42 bit in the S4C register is set to 1, the P96 pin goes to high-imepdance state.
4. When the INV03 bit in the INVC0 register is 1(three-phase motor control timer output enabled), an "L"
_______ _____
input on the P85 /NMI/SD pin, has the following effect.
•When the TB2SC register IVPCR1 bit is set to 1 (three-phase output forcible cutoff by input on
_____
__
__
___
SD pin enabled), the U/ U/ V/ V/ W/ W pins go to a high-impedance state.
•When the TB2SC register IVPCR1 bit is set to 0 (three-phase output forcible cutoff by input on
_____
__
__
___
SD pin disabled), the U/ U/ V/ V/ W/ W pins go to a normal port.
Therefore, the P85 pin can not be used as programmable I/O port when the INV03 bit is set to 1.
_____
_______ _____
When the SD function isn't used, set to 0 (Input) in PD85 and pullup to H in the P85 /NMI/SD pin from
outside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com