Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 260Page - Renesas Technology Corp M16C/29 Datasheet HTML 261Page - Renesas Technology Corp M16C/29 Datasheet HTML 262Page - Renesas Technology Corp M16C/29 Datasheet HTML 263Page - Renesas Technology Corp M16C/29 Datasheet HTML 264Page - Renesas Technology Corp M16C/29 Datasheet HTML 265Page - Renesas Technology Corp M16C/29 Datasheet HTML 266Page - Renesas Technology Corp M16C/29 Datasheet HTML 267Page - Renesas Technology Corp M16C/29 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 240
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 15.18 ADTRGCON Register in Simultaneous Sample Sweep Mode
Table 15.9 Trigger Select Bit Setting in Simultaneous Sample Sweep Mode
TRG
HPTRG0
TRG1
TRIGGER
0
1
1
1
-
1
0
0
Software trigger
Timer B0 underflow (1)
Timer B2 or Timer B2 interrupt generation frequency setting
counter underflow (2)
ADTRG
-
-
1
0
NOTES:
1. A count can be started for Timer B2, Timer B2 interrupt generation frequency
setting counter underflow or the INT5 pin falling edge as count start
conditions of Timer B0.
2. Select Timer B2 or Timer B2 interrupt generation frequency setting counter
using the TB2SEL bit in the TB2SC register.
A/D Trigger Control Register (1)
Symbol
Address
After Reset
ADTRGCON 03D216
0016
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
A/D operation mode select
bit 2
SSE
AN0 trigger select bit
See Table 15.9
HPTRG1
AN1 trigger select bit
HPTRG0
RW
RW
RW
RW
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 0
(b7-b4)
NOTE:
1. If ADTRGCON is rewritten during A/D conversion, the conversion result will be undefined.
DTE
1
01
1: Simultaneous sample sweep mode or
delayed trigger mode 0, 1
A/D operation mode select
bit 3
0: Other than delayed trigger mode 0, 1
Set to 0 in simultaneous sample sweep
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com