Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 256Page - Renesas Technology Corp M16C/29 Datasheet HTML 257Page - Renesas Technology Corp M16C/29 Datasheet HTML 258Page - Renesas Technology Corp M16C/29 Datasheet HTML 259Page - Renesas Technology Corp M16C/29 Datasheet HTML 260Page - Renesas Technology Corp M16C/29 Datasheet HTML 261Page - Renesas Technology Corp M16C/29 Datasheet HTML 262Page - Renesas Technology Corp M16C/29 Datasheet HTML 263Page - Renesas Technology Corp M16C/29 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 236
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
15.1.5 Repeat Sweep Mode 1
In repeat sweep mode 1, analog voltage is applied to the all selected pins are converted to a digital code,
with mainly used in the selected pins. Table 15.7 shows the repeat sweep mode 1 specifications. Figure
15.14
shows the operation example in repeat sweep mode 1. Figure 15.15 shows registers ADCON0 to
ADCON2 in repeat sweep mode 1.
Table 15.7 Repeat Sweep Mode 1 Specifications
Item
Specification
Function
Bits SCAN1 and SCAN0 in the ADCON1 register and bits ADGSEL1 and
ADGSEL0 in the ADCON2 register mainly select pins. Analog voltage applied
to the all selected pins is repeatedly converted to a digital code
Example : When selecting AN0
Analog voltage is converted to a digital code in the following order
AN0
AN1
AN0
AN2
AN0
AN3, and so on.
A/D Conversion Start Condition • When the TRG bit in the ADCON0 register is 0 (software trigger)
Set the ADST bit in the ADCON0 register to 1 (A/D conversion started)
• When the TRG bit in the ADCON0 register is 1 (hardware trigger)
The ADTRG pin input changes state from “H” to “L” after setting the ADST bit
to 1 (A/D conversion started)
A/D Conversion Stop Condition Set the ADST bit to 0 (A/D conversion halted)
Interrupt Request Generation Timing None generated
Analog Input Pins Mainly Select from AN0 (1 pins), AN0 to AN1 (2 pins), AN0 to AN2 (3 pins), AN0 to
Used in A/D Conversions AN3 (4 pins) (1)
Readout of A/D Conversion Result Readout one of registers AD0 to AD7 that corresponds to the selected pin
NOTES:
1. AN00 to AN07, AN 20 to AN27, and AN30 to AN32 can be used in the same way as AN0 to AN7.
However, all input pins need to belong to the same group.
Figure 15.14 Operation Example in Repeat Sweep Mode 1
•Example when selecting AN0 to A/D sweep pins (SCAN1 to SCAN0 = 002)
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
A/D conversion started
A/D pin input voltage
sampling
A/D pin conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com