Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 254Page - Renesas Technology Corp M16C/29 Datasheet HTML 255Page - Renesas Technology Corp M16C/29 Datasheet HTML 256Page - Renesas Technology Corp M16C/29 Datasheet HTML 257Page - Renesas Technology Corp M16C/29 Datasheet HTML 258Page - Renesas Technology Corp M16C/29 Datasheet HTML 259Page - Renesas Technology Corp M16C/29 Datasheet HTML 260Page - Renesas Technology Corp M16C/29 Datasheet HTML 261Page - Renesas Technology Corp M16C/29 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 234
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Item
Specification
Function
Bits SCAN1 and SCAN0 in the ADCON1 register and bits ADGSEL1 and
ADGSEL0 in the ADCON2 register select pins. Analog voltage applied to the
selected pins is repeatedly converted to a digital code
A/D Conversion Start Condition • When the TRG bit in the ADCON0 register is 0 (software trigger)
Set the ADST bit in the ADCON0 register to 1 (A/D conversion started)
• When the TRG bit in the ADCON0 register is 1 (Hardware trigger)
The ADTRG pin input changes state from “H” to “L” after setting the ADST bit
to 1 (A/D conversion started)
A/D Conversion Stop Condition Set the ADST bit to 0 (A/D conversion halted)
Interrupt Request Generation Timing None generated
Analog Input Pin
Select from AN0 to AN1 (2 pins), AN0 to AN3 (4 pins), AN0 to AN5 (6 pins),
AN0 to AN7 (8 pins) (1)
Readout of A/D Conversion Result Readout one of registers AD0 to AD7 that corresponds to the selected pin
15.1.4 Repeat Sweep Mode 0
In repeat sweep mode 0, analog voltages applied to the selected pins are repeatedly converted to a
digital code. Table 15.6 shows the repeat sweep mode 0 specifications. Figure 15.12 shows the opera-
tion example in repeat sweep mode 0. Figure 15.13 shows the ADCON0 to ADCON2 registers in repeat
sweep mode 0.
Table 15.6 Repeat Sweep Mode 0 Specifications
NOTES:
1. AN00 to AN07, AN 20 to AN27, and AN30 to AN32 can be used in the same way as AN0 to AN7.
However, all input pins need to belong to the same group.
Figure 15.12 Operation Example in Repeat Sweep Mode 0
•Example when selecting AN0 to AN3 to A/D sweep pins (SCAN1 to SCAN0 = 012)
A/D conversion started
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
A/D pin input voltage
sampling
A/D pin conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com