Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 252Page - Renesas Technology Corp M16C/29 Datasheet HTML 253Page - Renesas Technology Corp M16C/29 Datasheet HTML 254Page - Renesas Technology Corp M16C/29 Datasheet HTML 255Page - Renesas Technology Corp M16C/29 Datasheet HTML 256Page - Renesas Technology Corp M16C/29 Datasheet HTML 257Page - Renesas Technology Corp M16C/29 Datasheet HTML 258Page - Renesas Technology Corp M16C/29 Datasheet HTML 259Page - Renesas Technology Corp M16C/29 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 232
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
15.1.3 Single Sweep Mode
In single sweep mode, analog voltages applied to the selected pins are converted one-by-one to a digital
code. Table 15.5 shows the single sweep mode specifications. Figure 15.10 shows the operation
example in single sweep mode. Figure 15.11 shows the ADCON0 to ADCON2 registers in single sweep
mode.
Item
Specification
Function
Bits SCAN1 to SCAN0 in the ADCON1 register and bits ADGSEL1 and
ADGSEL0 in the ADCON2 register select pins. Analog voltage applied to the
selected pins is converted one-by-one to a digital code
A/D Conversion Start Condition • When the TRG bit in the ADCON0 register is 0 (software trigger)
Set the ADST bit in the ADCON0 register to 1 (A/D conversion started)
• When the TRG bit in the ADCON0 register is 1 (hardware trigger)
The ADTRG pin input changes state from “H” to “L” after setting the ADST bit
to 1 (A/D conversion started)
A/D Conversion Stop Condition • A/D conversion completed(When selecting a software trigger, the ADST bit
is set to 0 (A/D conversion halted)).
• Set the ADST bit to 0
Interrupt Request Generation Timing A/D conversion completed
Analog Input Pin
Select from AN0 to AN1 (2 pins), AN0 to AN3 (4 pins), AN0 to AN5 (6 pins),
AN0 to AN7 (8 pins) (1)
Readout of A/D Conversion Result Readout one of registers AD0 to AD7 that corresponds to the selected pin
Table 15.5 Single Sweep Mode Specifications
NOTE:
1. AN00 to AN07, AN 20 to AN27, and AN30 to AN32 can be used in the same way as AN0 to AN7.
However, all input pins need to belong to the same group.
Figure 15.10 Operation Example in Single Sweep Mode
A/D conversion started
A/D interrupt request generated
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
A/D pin input voltage
sampling
A/D pin conversion
•Example when selecting AN0 to AN3 to A/D sweep pins (SCAN1 to SCAN0 = 012)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com