Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 249Page - Renesas Technology Corp M16C/29 Datasheet HTML 250Page - Renesas Technology Corp M16C/29 Datasheet HTML 251Page - Renesas Technology Corp M16C/29 Datasheet HTML 252Page - Renesas Technology Corp M16C/29 Datasheet HTML 253Page - Renesas Technology Corp M16C/29 Datasheet HTML 254Page - Renesas Technology Corp M16C/29 Datasheet HTML 255Page - Renesas Technology Corp M16C/29 Datasheet HTML 256Page - Renesas Technology Corp M16C/29 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 229
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 15.7 ADCON0 to ADCON2 Registers in One-Shot Mode
A/D Control Register 0 (1)
Symbol
Address
After Reset
ADCON0
03D616
00000XXX2
b7 b6 b5 b4 b3 b2 b1 b0
Analog input pin
select bit (2, 3)
CH0
Bit Symbol
Bit Name
Function
CH1
CH2
A/D operation mode
select bit 0 (3)
MD0
MD1
Trigger select bit
TRG
ADST
A/D conversion start flag
0: A/D conversion disabled
1: A/D conversion started
Frequency select bit 0
CKS0
RW
A/D Control Register 1 (1)
Symbol
Address
After Reset
ADCON1
03D716
0016
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
A/D Sweep Pin
Select Bit
SCAN0
SCAN1
MD2
BITS
8/10-Bit Mode Select Bit 0 : 8-bit mode
1 : 10-bit mode
VCUT
Vref Connect Bit (2)
A/D Operation Mode
Select Bit 1
1 : Vref connected
0
0
0 0: One-shot mode or delayed trigger mode
0,1
b4 b3
1
Frequency Select Bit 1
CKS1
0 : Any mode other than repeat sweep
mode 1
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
See Table 15.2
Refer to Table 15.2
(b7-b6)
0
b2 b1 b0
0 0 0: Select AN0
0 0 1: Select AN1
0 1 0: Select AN2
0 1 1: Select AN3
1 0 0: Select AN4
1 0 1: Select AN5
1 1 0: Select AN6
1 1 1: Select AN7
NOTES:
1. If the ADCON0 register is rewritten during A/D conversion, the conversion result will be undefined.
2. AN00 to AN07, AN20 to AN27, and AN30 to AN32 can be used in the same way as AN 0 to AN7. Use bits ADGSEL1
and ADGSEL 0 in the ADCON2 register to select the desired pin.
3. After rewriting bits MD1 and MD0, set bits CH2 to CH0 over again using an another instruction.
0: Software trigger
1: Hardware trigger (AD TRG trigger)
Invalid in one-shot mode
Nothing is assigned. If necessary, set to 0.
When read, the contents are 0
NOTES:
1. If the ADCON1 register is rewritten during A/D conversion, the conversion result will be undefined.
2. If the VCUT bit is reset from 0 (Vref unconnected) to 1 (Vref connected), wait for 1 µs or more before starting
A/D conversion.
NOTE:
1. If the ADCON2 register is rewritten during A/D conversion, the conversion result will be undefined.
A/D Control Register 2 (1)
Symbol
Address
After Reset
ADCON2
03D416
0016
b7 b6 b5 b4 b3 b2 b1 b0
A/D conversion method
select bit
Bit Symbol
Bit Name
Function
RW
SMP
Reserved bit
Set to
0
0
A/D input group select
bit
0 0: Select port P10 group
0 1: Select port P9 group
1 0: Select port P0 group
1 1: Select port P1/P9 group
b2 b1
Frequency select bit 2
CKS2
ADGSEL0
ADGSEL1
RW
RW
RW
RW
RW
(b3)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0
(b7-b6)
RW
TRG1
Trigger select bit 1
0: Without sample and hold
1: With sample and hold
Set to 0 in one-shot mode
See Table 15.2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com