Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 245Page - Renesas Technology Corp M16C/29 Datasheet HTML 246Page - Renesas Technology Corp M16C/29 Datasheet HTML 247Page - Renesas Technology Corp M16C/29 Datasheet HTML 248Page - Renesas Technology Corp M16C/29 Datasheet HTML 249Page - Renesas Technology Corp M16C/29 Datasheet HTML 250Page - Renesas Technology Corp M16C/29 Datasheet HTML 251Page - Renesas Technology Corp M16C/29 Datasheet HTML 252Page - Renesas Technology Corp M16C/29 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 225
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 15.3 ADTRGCON Register
Table 15.2 A/D Conversion Frequency Select
2
S
K
C1
S
K
C0
S
K
CD
A
Ø
000
4
y
b
d
e
d
i
v
i
d
D
A
f
00
1
2
y
b
d
e
d
i
v
i
d
D
A
f
01
0
D
A
f
01
1
10
0
2
1
y
b
d
e
d
i
v
i
d
D
A
f
10
1
6
y
b
d
e
d
i
v
i
d
D
A
f
11
0
3
y
b
d
e
d
i
v
i
d
D
A
f
111
:
E
T
O
N
.
1 Ø
e
h
t
n
i
ti
b
0
S
K
C
e
h
t
f
o
n
o
it
a
n
i
b
m
o
C
.
z
H
M
0
1
r
e
d
n
u
e
b
t
s
u
m
y
c
n
e
u
q
e
rf
D
A
e
h
t
n
i
ti
b
2
S
K
C
e
h
t
d
n
a
,r
e
t
s
i
g
e
r
1
N
O
C
D
A
e
h
t
n
i
ti
b
1
S
K
C
e
h
t
,r
e
t
s
i
g
e
r
0
N
O
C
D
A
s
t
c
e
l
e
s
r
e
t
s
i
g
e
r
2
N
O
C
D
A.
D
A
Ø
A/D Trigger Control Register (1, 2)
Symbol
Address
After Reset
ADTRGCON
03D216
0016
b7 b6 b5 b4 b3 b2 b1 b0
A/D Operation Mode
Select Bit 2
0 : Other than simultaneous sample sweep
mode or delayed trigger mode 0,1
1 : Simultaneous sample sweep mode or
delayed trigger mode 0,1
Bit Symbol
Bit Name
Function
RW
SSE
A/D Operation Mode
Select Bit 3
HPTRG1
DTE
HPTRG0
RW
RW
RW
RW
Nothing is assigned. If necessary, set to 0.
When read, its content is 0
(b7-b4)
0 : Other than delayed trigger mode 0,1
1 : Delayed trigger mode 0,1
NOTES:
1. If the ADTRGCON register is rewritten during A/D conversion, the conversion result will be undefined.
2. Set 0016 in this register in one-shot mode, repeat mode, single sweep mode, repeat sweep mode 0 and repeat
sweep mode 1.
AN1 Trigger Select Bit
AN0 Trigger Select Bit
Function varies with each operation mode
Function varies with each operation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com