Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 243Page - Renesas Technology Corp M16C/29 Datasheet HTML 244Page - Renesas Technology Corp M16C/29 Datasheet HTML 245Page - Renesas Technology Corp M16C/29 Datasheet HTML 246Page - Renesas Technology Corp M16C/29 Datasheet HTML 247Page - Renesas Technology Corp M16C/29 Datasheet HTML 248Page - Renesas Technology Corp M16C/29 Datasheet HTML 249Page - Renesas Technology Corp M16C/29 Datasheet HTML 250Page - Renesas Technology Corp M16C/29 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 223
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 15.1 A/D Converter Block Diagram
=0002
=0012
=0102
=0112
=1002
=1012
=1102
=1112
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
AN00
AN01
AN02
AN03
AN04
AN05
AN06
AN07
Vref
VIN
CH2 to CH0
Decoder
for channel
selection
A/D register 0(16)
Data bus low-order
VREF
AVSS
VCUT=0
VCUT=1
Data bus high-order
Port P10 group
ADGSEL1 to ADGSEL0=102
ADGSEL1 to ADGSEL0=002
ADGSEL1 to ADGSEL0=112
fAD
CKS0=1
CKS0=0
CKS1=1
CKS1=0
1/3
CKS2=0
CKS2=1
1/2
1/2
øAD
A/D conversion rate
selection
(03C116 to 03C016)
(03C316 to 03C216)
(03C516 to 03C416)
(03C716 to 03C616)
(03C916 to 03C816)
(03CB16 to 03CA16)
(03CD16 to 03CC16)
(03CF16 to 03CE16)
Resistor ladder
Successive conversion register
ADCON0 register
(address 03D616)
ADCON1 register
(address 03D716)
Comparator 0
Addresses
Decoder
for A/D register
A/D register 1(16)
A/D register 2(16)
A/D register 3(16)
A/D register 4(16)
A/D register 5(16)
A/D register 6(16)
A/D register 7(16)
ADCON2 register
(address 03D416)
Port P0 group
=0002
=0012
=0102
=0112
=1002
=1012
=1102
=1112
CH2 to CH0
SSE = 1
CH2 to CH0=0012
Comparator 1
ADGSEL1 to ADGSEL0=002
ADGSEL1 to ADGSEL0=102
ADGSEL1 to ADGSEL0=112
VIN1
Port P1/Port P9
group
AN20
AN21
AN22
AN23
AN24
AN25
AN26
AN27
=0002
=0012
=0102
=0112
=1002
=1012
=1102
=1112
CH2 to CH0
(Note)
Note: AN04 to AN07, AN20 to AN23, and AN25 to AN27, is available for only 80-pin package.
(Note)
Port P9 group
AN30
AN31
AN32
=0002
=0012
=0102
CH2 to CH0
ADGSEL1 to ADGSEL0=012
ADGSEL1 to ADGSEL0=012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com