Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 242Page - Renesas Technology Corp M16C/29 Datasheet HTML 243Page - Renesas Technology Corp M16C/29 Datasheet HTML 244Page - Renesas Technology Corp M16C/29 Datasheet HTML 245Page - Renesas Technology Corp M16C/29 Datasheet HTML 246Page - Renesas Technology Corp M16C/29 Datasheet HTML 247Page - Renesas Technology Corp M16C/29 Datasheet HTML 248Page - Renesas Technology Corp M16C/29 Datasheet HTML 249Page - Renesas Technology Corp M16C/29 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 222
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
15. A/D Converter
Note
Ports P04 to P07(AN04 to AN07), P10 to P13(AN20 to AN23) and P95 to P97(AN25 to AN27) are not
available in 64-pin package. Do not use port P04 to P07(AN04 to AN07), P10 to P13(AN20 to AN23)
and P95 to P97(AN25 to AN27) as analog input pins in 64-pin package.
The MCU contains one A/D converter circuit based on 10-bit successive approximation method configured
with a capacitive-coupling amplifier. The analog inputs share the pins with P100 to P107 (AN0 to AN7), P00
to P07 (AN00 to AN07), and P10 to P13, P93, P95 to P97 (AN20 to AN27), and P90 to P92 (AN30 to AN32).
____________
Similarly, ADTRG input shares the pin with P15. Therefore, when using these inputs, make sure the corre-
sponding port direction bits are set to 0 (input mode).
When not using the A/D converter, set the VCUT bit to 0 (Vref unconnected), so that no current will flow
from the Vref pin into the resistor ladder, helping to reduce the power consumption of the chip.
The A/D conversion result is stored in the ADi register bits for ANi, AN0i, AN2i (i = 0 to 7), and AN3i pins (i
= 0 to 2). Table 15.1 shows the A/D converter performance. Figure 15.1 shows the A/D converter block
diagram and Figures 15.2 to 15.4 show the A/D converter associated with registers.
Item
Performance
A/D Conversion Method
Successive approximation (capacitive coupling amplifier)
Analog Input Voltage (1)
0V to AVCC (VCC)
Operating Clock φAD (2)
fAD/divided-by-2 or fAD/divided-by-3 or fAD/divided-by-4 or fAD/divided-by-6
or fAD/divided-by-12 or fAD
Resolution
8-bit or 10-bit (selectable)
Integral Nonlinearity Error When AVCC = Vref = 5V
• With 8-bit resolution: ±2LSB
• With 10-bit resolution: ±3LSB
When AVCC = Vref = 3.3V
• With 8-bit resolution: ±2LSB
• With 10-bit resolution: ±5LSB
Operating Modes
One-shot mode, repeat mode, single sweep mode, repeat sweep mode 0, repeat
sweep mode 1, simultaneous sample sweep mode and delayed trigger mode 0,1
Analog Input Pins
8 pins (AN0 to AN7) + 8 pins (AN00 to AN07) + 8 pins (AN20 to AN27) + 3 pins (AN30
to AN32) (80-pin package)
8 pins (AN0 to AN7) + 4 pins (AN00 to AN03) + 1 pin (AN24) + 3 pins (AN30 to AN32)
(64-pin package)
Conversion Speed Per Pin
• Without sample and hold function
8-bit resolution: 49 φAD cycles, 10-bit resolution: 59 φAD cycles
• With sample and hold function
8-bit resolution: 28 φAD cycles, 10-bit resolution: 33 φAD cycles
Table 15.1 A/D Converter Performance
NOTES:
1. Not dependent on use of sample and hold function.
2. Set the φAD frequency to 10 MHz or less.
Without sample-and-hold function, set the φAD frequency to 250kHZ or more.
With the sample and hold function, set the φAD frequency to 1MHZ or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com