Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 241Page - Renesas Technology Corp M16C/29 Datasheet HTML 242Page - Renesas Technology Corp M16C/29 Datasheet HTML 243Page - Renesas Technology Corp M16C/29 Datasheet HTML 244Page - Renesas Technology Corp M16C/29 Datasheet HTML 245Page - Renesas Technology Corp M16C/29 Datasheet HTML 246Page - Renesas Technology Corp M16C/29 Datasheet HTML 247Page - Renesas Technology Corp M16C/29 Datasheet HTML 248Page - Renesas Technology Corp M16C/29 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 221
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
14.2.3 Functions for Setting an SOUTi Initial Value
If the SMi6 bit in SiC register is set to 0 (external clock), the SOUTi pin output level can be fixed high or low
when not transferring data. However, when transmitting data consecutively, the last bit (bit 0) value of the
last transmitted data is retained between the sccessive data transmissions. Figure 14.39 shows the
timing chart for setting an SOUTi initial value and how to set it.
Figure 14.39 SOUTi Initial Value Setting
Signal written to
SiTRR register
SOUTi (internal)
SMi7 bit
SOUTi pin output
SMi3 bit
Setting the SOUTi
initial value to “H”
Port selection switching
(I/O port
SOUTi)
D0
(i = 3, 4)
Initial value = “H” (3)
Port output
D
0
(Example) When “H” selected for SOUTi initial value (1)
(2)
NOTES:
1. This diagram applies to the case where the bits in the SiC register are set as follows:
SMi2 = 0 (SOUTi output), SMi5 = 0 (LSB first) and SMi6 = 0 (external clock)
2. SOUTi can only be initialized when input on the CLKi pin is in the high state if the SMi4bit in the SiC
register is set to 0 (transmit data output at the falling edge of the transfer clock) or in the low state if
the SMi4 bit is set to 1 (transmit data output at the rising edge of the transfer clock).
3. If the SMi6 bit is set to 1 (internal clock) or if the SMi2 bit is set to 1 (SOUTi output disabled), this
output goes to the high-impedance state.
Setting of the initial value of S OUTi
output and starting of transmission/
reception
Set the SMi3 bit to 0
(SOUTi pin functions as an I/O port)
Write to the SiTRR register
Serial transmit/reception starts
Set the SMi7 bit to 1
(SOUTi initial value = “H”)
Set the SMi3 bit to 1
(SOUTi pin functions as S OUTi output)
“H” level is output
from the SOUTi pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com