Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 240Page - Renesas Technology Corp M16C/29 Datasheet HTML 241Page - Renesas Technology Corp M16C/29 Datasheet HTML 242Page - Renesas Technology Corp M16C/29 Datasheet HTML 243Page - Renesas Technology Corp M16C/29 Datasheet HTML 244Page - Renesas Technology Corp M16C/29 Datasheet HTML 245Page - Renesas Technology Corp M16C/29 Datasheet HTML 246Page - Renesas Technology Corp M16C/29 Datasheet HTML 247Page - Renesas Technology Corp M16C/29 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 220
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
14.2.1 SI/Oi Operation Timing
Figure 14.37
shows the SI/Oi operation timing
Figure 14.37 SI/Oi Operation Timing
14.2.2 CLK Polarity Selection
The the SMi4 bit in the SiC register allows selection of the polarity of the transfer clock. Figure 14.38
shows the polarity of the transfer clock.
Figure 14.38 Polarity of Transfer Clock
D7
D0
D1
D2
D3
D4
D5
D6
i= 3, 4
1.5 cycle (max)
SI/Oi internal clock
CLKi output
Signal written to the
SiTRR register
SOUTi output
SINi input
SiIC register
IR bit
(2)
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
1
0
(3)
NOTES:
1. This diagram applies to the case where the SiC register bits are set as follows:
SMi2 = 0 (SOUTi output), SMi3 = 1 (SOUTi output, CLKi function), SMi4 = 0 (transmit data output at the falling edge and receive data input at the
rising edge of the transfer clock), SMi5 = 0 (LSB first) and SMi6 = 1 (internal clock)
2. When the SMi6 bit is set to 0 (internal clock), the SOUTi pin is placed in the high-impedance state after the transfer is completed.
3. If the SMi6 bit is set to 0 (internal clock), the serial I/O starts sending or receiving data a maximum of 1.5 transfer clock cycles after writing to
the SiTRR register.
(2) When the SMi4 bit in the SiC register is set to 1
(3)
D1
D2
D3
D4
D5
D6
D7
D1
D2
D3
D4
D5
D6
D7
D0
D0
SINi
SOUTi
CLKi
(1) When the SMi4 bit in the SiC register is set to 0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
SINi
SOUTi
CLKi
(2)
i=3 and 4
NOTES:
1. This diagram applies to the case where the SiC register bits are set as follows:
SMi5 = 0 (LSB first) and SMi6 = 1 (internal clock)
2. When the SMi6 bit is set to 1 (internal clock), a high level is output from the CLKi pin if not transferring data.
3 When the SMi6 bit is set to 1 (internal clock), a low level is output from the CLKi pin if not transferring data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com