Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 239Page - Renesas Technology Corp M16C/29 Datasheet HTML 240Page - Renesas Technology Corp M16C/29 Datasheet HTML 241Page - Renesas Technology Corp M16C/29 Datasheet HTML 242Page - Renesas Technology Corp M16C/29 Datasheet HTML 243Page - Renesas Technology Corp M16C/29 Datasheet HTML 244Page - Renesas Technology Corp M16C/29 Datasheet HTML 245Page - Renesas Technology Corp M16C/29 Datasheet HTML 246Page - Renesas Technology Corp M16C/29 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 219
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Item
Specification
Transfer data format
• Transfer data length: 8 bits
Transfer clock
• The SMi6 bit in the SiC (i=3, 4) register is set to 1 (internal clock) : fj/ (2(n+1))
fj = f1SIO, f2SIO, f8SIO, f32SIO. n=Setting value of SiBRG register
0016 to FF16.
• SMi6 bit is set to 0 (external clock) : Input from CLKi pin (1)
Transmission/reception
• Before transmission/reception can start, the following requirements must be met
start condition
Write transmit data to the SiTRR register (2, 3)
• When the SMi4 bit in the SiC register is set to 0
The rising edge of the last transfer clock pulse (4)
• When SMi4 is set to 1
The falling edge of the last transfer clock pulse (4)
CLKi pin fucntion
I/O port, transfer clock input, transfer clock output
SOUTi pin function
I/O port, transmit data output, high-impedance
SINi pin function
I/O port, receive data input
Select function
• LSB first or MSB first selection
Whether to start sending/receiving data beginning with bit 0 or beginning with bit 7
can be selected
• Function for setting an SOUTi initial value set function
When the SMi6 bit in the SiC register is set to 0 (external clock), the SOUTi pin
output level while not tranmitting can be selected.
• CLK polarity selection
Whether transmit data is output/input timing at the rising edge or falling edge of
transfer clock can be selected.
NOTE:
1. To set the SMi6 bit in the SiC register to 0 (external clock), follow the procedure described below.
• If the SMi4 bit in the SiC register is set to 0, write transmit data to the SiTRR register while input on the CLKi
pin is high. The same applies when rewriting the SMi7 bit in the SiC register.
• If the SMi4 bit is set to 1, write transmit data to the SiTRR register while input on the CLKi pin is low. The same
applies when rewriting the SMi7 bit.
• Because shift operation continues as long as the transfer clock is supplied to the SI/Oi circuit, stop the transfer
clock 2. Unlike UART0 to UART2, SI/Oi (i = 3 to 4) is not separated between the transfer register and buffer.
Therefore, do not write the next transmit data to the SiTRR register during transmission.
3. When the SMi6 bit in the SiC register is set to 1 (internal clock), SOUTi retains the last data for a 1/2 transfer
clock period after completion of transfer and, thereafter, goes to a high-impedance state. However, if transmit
data is written to the SiTRR register during this period, SOUTi immediately goes to a high-impedance state, with
the data hold time thereby reduced.
4. When the SMi6 bit in the SiC register is set to 1 (internal clock), the transfer clock stops in the high state if the
SMi4 bit is set to 0, or stops in the low state if the SMi4 bit is set to 1.
Table 14.20 SI/O3 and SI/O4 Specifications
Interrupt request
generation timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com