Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 235Page - Renesas Technology Corp M16C/29 Datasheet HTML 236Page - Renesas Technology Corp M16C/29 Datasheet HTML 237Page - Renesas Technology Corp M16C/29 Datasheet HTML 238Page - Renesas Technology Corp M16C/29 Datasheet HTML 239Page - Renesas Technology Corp M16C/29 Datasheet HTML 240Page - Renesas Technology Corp M16C/29 Datasheet HTML 241Page - Renesas Technology Corp M16C/29 Datasheet HTML 242Page - Renesas Technology Corp M16C/29 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 215
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 14.32
shows the example of connecting the SIM interface. Connect TXD2 and RXD2 and apply
pull-up.
Figure 14.32 SIM Interface Connection
14.1.6.1 Parity Error Signal Output
The parity error signal is enabled by setting the U2ERE bit in theU2C1 register to 1.
• When receiving
The parity error signal is output when a parity error is detected while receiving data. This is achieved
by pulling the TxD2 output low with the timing shown in Figure 14.33. If the R2RB register is read
while outputting a parity error signal, the PER bit is cleared to 0 and at the same time the TxD2 output
is returned high.
• When transmitting
A transmission-finished interrupt request is generated at the falling edge of the transfer clock pulse
that immediately follows the stop bit. Therefore, whether a parity signal has been returned can be
determined by reading the port that shares the RxD2 pin in a transmission-finished interrupt service
routine.
Figure 14.33 Parity Error Signal Output Timing
MCU
SIM card
TxD2
RxD2
D0
D1
D2
D3
D4
D5
D6
D7
PSP
ST
(1)
Transfer
clock
RxD2
TxD2
U2C1 register
RI bit
“H”
“L”
“H”
“L”
“H”
“L”
1
0
This timing diagram applies to the case where the direct format is implemented.
NOTE:
1. The output of MCU is in the high-impedance state (pulled up externally).
ST: Start bit
P: Even Parity
SP: Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com