Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 232Page - Renesas Technology Corp M16C/29 Datasheet HTML 233Page - Renesas Technology Corp M16C/29 Datasheet HTML 234Page - Renesas Technology Corp M16C/29 Datasheet HTML 235Page - Renesas Technology Corp M16C/29 Datasheet HTML 236Page - Renesas Technology Corp M16C/29 Datasheet HTML 237Page - Renesas Technology Corp M16C/29 Datasheet HTML 238Page - Renesas Technology Corp M16C/29 Datasheet HTML 239Page - Renesas Technology Corp M16C/29 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 212
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Item
Specification
Transfer data format
• Direct format
• Inverse format
Transfer clock
• The CKDIR bit in the U2MR register is set to 0 (internal clock) : fi/ (16(n+1))
fi = f1SIO, f2SIO, f8SIO, f32SIO. n: Setting value of U2BRG register
0016 to FF16
• The CKDIR bit is set to 1 (external clock
) : fEXT/16(n+1)
fEXT: Input from CLK2 pin. n: Setting value of U2BRG register
0016 to FF16
Transmission start condition • Before transmission can start, the following requirements must be met
_ The TE bit in the U2C1 register is set to 1 (transmission enabled)
_ The TI bit in the U2C1 register is set to 0 (data present in U2TB register)
Reception start condition
• Before reception can start, the following requirements must be met
_ The RE bit in the U2C1 register is set to 1 (reception enabled)
_ Start bit detection
• For transmission
When the serial I/O finished sending data from the U2TB transfer register (U2IRS bit =1)
• For reception
When transferring data from the UART2 receive register to the U2RB register (at
completion of reception)
Error detection
• Overrun error (1)
This error occurs if the serial I/O started receiving the next data before reading the
U2RB register and received the bit one before the last stop bit in the the next data
• Framing error
This error occurs when the number of stop bits set is not detected
• Parity error
During reception, if a parity error is detected, parity error signal is output from the
TxD2 pin.
During transmission, a parity error is detected by the level of input to the RXD2 pin
when a transmission interrupt occurs
• Error sum flag
This flag is set to 1 when any of the overrun, framing, and parity errors is encountered
NOTES:
1. If an overrun error occurs, bits 8 to 0 in the U2RB register are undefined. The IR bit in the S2RIC
register remains unchanged.
2. A transmit interrupt request is generated by setting the U2IRS bit in the U2C1 register to 1 (trans-
mission complete) and U2ERE bit to 1 (error signal output) after reset. Therefore, when using SIM
mode, be sure to clear the IR bit to 0 (no interrupt request) after setting these bits.
14.1.6 Special Mode 4 (SIM Mode) (UART2)
Based on UART mode, this is an SIM interface compatible mode. Direct and inverse formats can be
implemented, and this mode allows output of a low from the TxD2 pin when a parity error is detected.
Table 14.18
lists the specifications of SIM mode. Table 14.19 lists the registers used in the SIM mode
and the register values set.
Table 14.18 SIM Mode Specifications
Interrupt request
generation timing (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com