Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 234 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 230Page - Renesas Technology Corp M16C/29 Datasheet HTML 231Page - Renesas Technology Corp M16C/29 Datasheet HTML 232Page - Renesas Technology Corp M16C/29 Datasheet HTML 233Page - Renesas Technology Corp M16C/29 Datasheet HTML 234Page - Renesas Technology Corp M16C/29 Datasheet HTML 235Page - Renesas Technology Corp M16C/29 Datasheet HTML 236Page - Renesas Technology Corp M16C/29 Datasheet HTML 237Page - Renesas Technology Corp M16C/29 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 210
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
14.1.5 Special Mode 3 (IEBus mode)(UART2)
In this mode, one bit in the IEBus is approximated with one byte of UART mode waveform.
Table 14.17
lists the registers used in IEBus mode and the register values set. Figure 14.30 shows the
functions of bus collision detect function related bits.
If the TxD2 pin output level and RxD2 pin input level do not match, a UART2 bus collision detect interrupt
request is generated.
Table 14.17 Registers to Be Used and Settings in IEBus Mode
Register
Bit
Function
U2TB
0 to 8
Set transmission data
U2RB(1)
0 to 8
Reception data can be read
OER,FER,PER,SUM Error flag
U2BRG
0 to 7
Set bit rate
U2MR
SMD2 to SMD0
Set to 1102
CKDIR
Select the internal clock or external clock
STPS
Set to 0
PRY
Invalid because PRYE is set to 0
PRYE
Set to 0
IOPOL
Select the TxD/RxD input/output polarity
U2C0
CLK1, CLK0
Select the count source for the U2BRG register
CRS
Invalid because CRDis set to 1
TXEPT
Transmit register empty flag
CRD
Set to 1
NCH
Select TxD2 pin output mode
CKPOL
Set to 0
UFORM
Set to 0
U2C1
TE
Set this bit to 1 to enable transmission
TI
Transmit buffer empty flag
RE
Set this bit to 1 to enable reception
RI
Reception complete flag
U2IRS
Select the source of UART2 transmit interrupt
U2RRM,
Set to 0
U2LCH, U2ERE
U2SMR
0 to 3, 7
Set to 0
ABSCS
Select the sampling timing at which to detect a bus collision
ACSE
Set this bit to 1 to use the auto clear function of transmit enable bit
SSS
Select the transmit start condition
U2SMR2
0 to 7
Set to 0
U2SMR3
0 to 7
Set to 0
U2SMR4
0 to 7
Set to 0
NOTE:
1. Not all register bits are described above. Set those bits to 0 when writing to the registers in IEBus mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com