Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 226Page - Renesas Technology Corp M16C/29 Datasheet HTML 227Page - Renesas Technology Corp M16C/29 Datasheet HTML 228Page - Renesas Technology Corp M16C/29 Datasheet HTML 229Page - Renesas Technology Corp M16C/29 Datasheet HTML 230Page - Renesas Technology Corp M16C/29 Datasheet HTML 231Page - Renesas Technology Corp M16C/29 Datasheet HTML 232Page - Renesas Technology Corp M16C/29 Datasheet HTML 233Page - Renesas Technology Corp M16C/29 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 206
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
14.1.4 Special Mode 2 (UART2)
Multiple slaves can be serially communicated from one master. Transfer clock polarity and phase are
selectable. Table 14.15 lists the specifications of Special Mode 2. Table 14.16 lists the registers used in
Special Mode 2 and the register values set. Figure 14.26 shows communication control example for
Special Mode 2.
Table 14.15 Special Mode 2 Specifications
Item
Specification
Transfer data format
• Transfer data length: 8 bits
Transfer clock
• Master mode
the CKDIR bit in the U2MR register is set to 0 (internal clock) : fj/ (2(n+1))
fj = f1SIO, f2SIO, f8SIO, f32SIO. n: Setting value in the U2BRG register
0016 to FF16
• Slave mode
CKDIR bit is set to 1 (external clock selected) : Input from CLK2 pin
Transmit/receive control
Controlled by input/output ports
Transmission start condition • Before transmission can start, the following requirements must be met (1)
_ The TE bit in the U2C1 register is set to 1 (transmission enabled)
_ The TI bit in the U2C1 register is set to 0 (data present in U2TB register)
Reception start condition
• Before reception can start, the following requirements must be met (1)
_ The RE bit in the U2C1 register is set to 1 (reception enabled)
_ The TE bit in the U2C1 register is set to 1 (transmission enabled)
_ The TI bit in the U2C1 register is set to 0 (data present in the U2TB register)
• For transmission, one of the following conditions can be selected
_ The U2IRS bit in the U2C1 register is set to 0 (transmit buffer empty): when trans
ferring data from the U2TB register to the UART2 transmit register (at start of transmission)
_ The U2IRS bit is set to 1 (transfer completed): when the serial I/O finished sending
data from the UART2 transmit register
• For reception
When transferring data from the UART2 receive register to the U2RB register (at
completion of reception)
Error detection
• Overrun error (2)
This error occurs if the serial I/O started receiving the next data before reading the
U2RB register and received the 7th bit in the the next data
Select function
• Clock phase setting
Selectable from four combinations of transfer clock polarities and phases
Interrupt request
generation timing
NOTES:
1. When an external clock is selected, the conditions must be met while if the CKPOL bit in the U2C0 register is set to
0 (transmit data output at the falling edge and the receive data taken in at the rising edge of the transfer clock), the
external clock is in the high state; if the CKPOL bit in the U2C0 register is set to 1 (transmit data output at the rising
edge and the receive data taken in at the falling edge of the transfer clock), the external clock is in the low state.
2. If an overrun error occurs, bits 8 to 0 in the U2RB register are undefined. The IR bit in the S2RIC register remains
unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com