Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 226 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 226 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 222Page - Renesas Technology Corp M16C/29 Datasheet HTML 223Page - Renesas Technology Corp M16C/29 Datasheet HTML 224Page - Renesas Technology Corp M16C/29 Datasheet HTML 225Page - Renesas Technology Corp M16C/29 Datasheet HTML 226Page - Renesas Technology Corp M16C/29 Datasheet HTML 227Page - Renesas Technology Corp M16C/29 Datasheet HTML 228Page - Renesas Technology Corp M16C/29 Datasheet HTML 229Page - Renesas Technology Corp M16C/29 Datasheet HTML 230Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 202
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
14.1.3.1 Detection of Start and Stop Condition
Whether a start or a stop condition has been detected is determined.
A start condition-detected interrupt request is generated when the SDA2 pin changes state from high
to low while the SCL2 pin is in the high state. A stop condition-detected interrupt request is generated
when the SDA2 pin changes state from low to high while the SCL2 pin is in the high state.
Because the start and stop condition-detected interrupts share the interrupt control register and vec-
tor, check the BBS bit in the U2SMR register to determine which interrupt source is requesting the
interrupt.
Figure 14.24 Detection of Start and Stop Condition
14.1.3.2 Output of Start and Stop Condition
A start condition is generated by setting the STAREQ bit in the U2SMR4 register to 1 (start).
A restart condition is generated by setting the RSTAREQ bit in the U2SMR4 register to 1 (start).
A stop condition is generated by setting the STPREQ bit in the U2SMR4 register to 1 (start).
The output procedure is described below.
(1) Set the STAREQ bit, RSTAREQ bit or STPREQ bit to 1 (start).
(2) Set the STSPSEL bit in the U2SMR4 register to 1 (output).
Make sure that no interrupts or DMA transfers will occur between (1) and (2).
The function of the STSPSEL bit is shown in Table 14.14 and Figure 14.25.
Setup time
Hold time
SCL2
SDA2
(Start condition)
SDA2
(Stop condition)
3 to 6 cycles < setup time (1)
3 to 6 cycles < hold time (1)
NOTE:
1. When the PCLK1 bit in the PCLKR register is set to 1, the cycles indicates the f1SIO's
generation frequency cycles; when PCLK1 bit is set to 0, the cycles indicated the
f2SIO's generation frequency cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com