Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 218Page - Renesas Technology Corp M16C/29 Datasheet HTML 219Page - Renesas Technology Corp M16C/29 Datasheet HTML 220Page - Renesas Technology Corp M16C/29 Datasheet HTML 221Page - Renesas Technology Corp M16C/29 Datasheet HTML 222Page - Renesas Technology Corp M16C/29 Datasheet HTML 223Page - Renesas Technology Corp M16C/29 Datasheet HTML 224Page - Renesas Technology Corp M16C/29 Datasheet HTML 225Page - Renesas Technology Corp M16C/29 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 198
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 14.11 Registers to Be Used and Settings in I2C bus mode (1) (Continued)
Register
Bit
Function
Master
Slave
U2TB
0 to 7
Set transmission data
Set transmission data
U2RB(1) 0 to 7
Reception data can be read
Reception data can be read
8
ACK or NACK is set in this bit
ACK or NACK is set in this bit
ABT
Arbitration lost detection flag
Invalid
OER
Overrun error flag
Overrun error flag
U2BRG 0 to 7
Set bit rate
Invalid
U2MR(1) SMD2 to SMD0
Set to 0102
Set to 0102
CKDIR
Set to 0
Set to 1
IOPOL
Set to 0
Set to 0
U2C0
CLK1, CLK0
Select the count source for the U2BRG
Invalid
register
CRS
Invalid because CRD = 1
Invalid because CRD = 1
TXEPT
Transmit buffer empty flag
Transmit buffer empty flag
CRD
Set to 1
Set to 1
NCH
Set to 1
Set to 1
CKPOL
Set to 0
Set to 0
UFORM
Set to 1
Set to 1
U2C1
TE
Set this bit to 1 to enable transmission
Set this bit to 1 to enable transmission
TI
Transmit buffer empty flag
Transmit buffer empty flag
RE
Set this bit to 1 to enable reception
Set this bit to 1 to enable reception
RI
Reception complete flag
Reception complete flag
U2IRS
Invalid
Invalid
U2RRM,
Set to 0
Set to 0
U2LCH, U2ERE
U2SMR IICM
Set to 1
Set to 1
ABC
Select the timing at which arbitration-lost Invalid
is detected
BBS
Bus busy flag
Bus busy flag
3 to 7
Set to 0
Set to 0
U2SMR2 IICM2
Refer to Table 14.13
Refer to Table 14.13
CSC
Set this bit to 1 to enable clock
Set to 0
synchronization
SWC
Set this bit to 1 to have SCL2 output
Set this bit to 1 to have SCL2 output
fixed to L at the falling edge of the 9th
fixed to “L” at the falling edge of the 9th
bit of clock
bit of clock
ALS
Set this bit to 1 to have SDA2 output
Set to 0
stopped when arbitration-lost is detected
STAC
Set to 0
Set this bit to 1 to initialize UART2 at
start condition detection
SWC2
Set this bit to 1 to have SCL2 output
Set this bit to 1 to have SCL2 output
forcibly pulled low
forcibly pulled low
SDHI
Set this bit to 1 to disable SDA2 output
Set this bit to 1 to disable SDA2 output
7
Set to 0
Set to 0
U2SMR3 0, 2, 4 and NODC Set to 0
Set to 0
CKPH
Refer to Table 14.13
Refer to Table 14.13
DL2 to DL0
Set the amount of SDA2 digital delay
Set the amount of SDA2 digital delay
NOTE:
1. Not all bits in the register are described above. Set those bits to 0 when writing to the registers in I2C bus mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com