Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 221 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 221 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 217Page - Renesas Technology Corp M16C/29 Datasheet HTML 218Page - Renesas Technology Corp M16C/29 Datasheet HTML 219Page - Renesas Technology Corp M16C/29 Datasheet HTML 220Page - Renesas Technology Corp M16C/29 Datasheet HTML 221Page - Renesas Technology Corp M16C/29 Datasheet HTML 222Page - Renesas Technology Corp M16C/29 Datasheet HTML 223Page - Renesas Technology Corp M16C/29 Datasheet HTML 224Page - Renesas Technology Corp M16C/29 Datasheet HTML 225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 197
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 14.22 I2C bus mode Block Diagram
CLK
control
Falling edge
detection
External
clock
Internal clock
Start/stop condition
detection interrupt
request
Start condition
detection
Stop condition
detection
Reception register
Bus
busy
Transmission
register
Arbitration
Noise
Filter
SDA2
SCL2
UART2
D
T
Q
D
T
Q
D
T
Q
NACK
ACK
UART2
UART2
UART2
R
UART2 transmit,
NACK interrupt
request
UART2 receive,
ACK interrupt request,
DMA1 request
IICM=1 and
IICM2=0
S
R
Q
ALS
R
S
SWC
IICM=1 and
IICM2=0
IICM2=1
IICM2=1
SWC2
SDHI
DMA0, DMA1 request
Noise
Filter
IICM=0
IICM=1
DMA0
STSPSEL=0
STSPSEL=1
STSPSEL=1
STSPSEL=0
SDASTSP
SCLSTSP
ACKC=1
ACKC=0
Q
Port register
(1)
I/O port
9th bit falling edge
9th bit
ACKD bit
Delay
circuit
Start and stop condition generation block
This diagram applies to the case where bits SMD2 to SMD0 in the U2MR register is set to 0102 and the IICM bit in the U2SMR register
is set to 1.
IICM: Bit in the U2SMR register
IICM2, SWC, ALS, SWC2, SDHI: Bits in the U2SMR2 register
STSPSEL, ACKD, ACKC: Bits in the U2SMR4 register
NOTE:
1. If the IICM bit is set to 1, the pin can be read even when the PD7_1 bit is set to 1 (output mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com