Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 214Page - Renesas Technology Corp M16C/29 Datasheet HTML 215Page - Renesas Technology Corp M16C/29 Datasheet HTML 216Page - Renesas Technology Corp M16C/29 Datasheet HTML 217Page - Renesas Technology Corp M16C/29 Datasheet HTML 218Page - Renesas Technology Corp M16C/29 Datasheet HTML 219Page - Renesas Technology Corp M16C/29 Datasheet HTML 220Page - Renesas Technology Corp M16C/29 Datasheet HTML 221Page - Renesas Technology Corp M16C/29 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 499 page
background image
14.Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 194
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Transfer clock
“H”
“L”
D0
D1
D2
D3
D4
D5
D6
D7
PSP
ST
TxD2
(no reverse)
“H”
“L”
TxD2
(reverse)
SP
ST
D3
D4
D5
D6
D7
P
D0
D1
D2
“H”
“L”
(1) When the U2LCH bit in the U2C1 register is set to 0 (no reverse)
(2) When the U2LCH bit in the U2C1 register is set 1 (reverse)
Transfer clock
“H”
“L”
NOTE:
1. This applies to the case where the CKPOL bit in the U2C0 register is set to 0
(transmit data output at the falling edge of the transfer clock), the UFORM bit in
the U2C0 register is set to 0 (LSB first), the STPS bit in the U2MR register is set
to 0 (1 stop bit) and the PRYE bit in the U2MR register is set to 1 (parity
ST: Start bit
P: Parity bit
SP: Stop bit
(1) When the IOPOL bit in the U2MR register is set to 0 (no reverse)
(2) When the IOPOL bit in the U2MR register is set to 1 (reverse)
ST: Start bit
P: Parity bit
SP: Stop bit
D0
D1
D2
D3
D4
D5
D6
D7
PSP
ST
SP
ST
D3
D4
D5
D6
D7
P
D0
D1
D2
D0
D1
D2
D3
D4
D5
D6
D7
PSP
ST
“H”
SP
ST
D3
D4
D5
D6
D7
P
D0
D1
D2
Transfer clock
TxD2
(no reverse)
RxD2
(no reverse)
Transfer clock
TxD2
(reverse)
RxD2
(reverse)
“L”
“H”
“L”
“H”
“L”
“H”
“L”
“H”
“L”
“H”
“L”
NOTE:
1. This applies to the case where the UFORM bit in the U2C0 register is set
to 0 (LSB first), the STPS bit in the U2MR register is set to 0 (1 stop bit)
and the PRYE bit in the U2MR register is set to 1 (parity enabled).
14.1.2.4 Serial Data Logic Switching Function (UART2)
The data written to the U2TB register has its logic reversed before being transmitted. Similarly, the
received data has its logic reversed when read from the U2RB register. Figure 14.19 shows serial
data logic.
Figure 14.19 Serial Data Logic Switching
14.1.2.5 TxD and RxD I/O Polarity Inverse Function (UART2)
This function inverses the polarities of the TXD2 pin output and RXD2 pin input. The logic levels of all
input/output data (including the start, stop and parity bits) are inversed. Figure 14.20 shows the TXD
pin output and RXD pin input polarity inverse.
Figure 14.20 TXD and RXD I/O Polarity Inverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com