Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 216Page - Renesas Technology Corp M16C/29 Datasheet HTML 217Page - Renesas Technology Corp M16C/29 Datasheet HTML 218Page - Renesas Technology Corp M16C/29 Datasheet HTML 219Page - Renesas Technology Corp M16C/29 Datasheet HTML 220Page - Renesas Technology Corp M16C/29 Datasheet HTML 221Page - Renesas Technology Corp M16C/29 Datasheet HTML 222Page - Renesas Technology Corp M16C/29 Datasheet HTML 223Page - Renesas Technology Corp M16C/29 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 196
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
14.1.3 Special Mode 1 (I2C bus mode)(UART2)
I2C bus mode is provided for use as a simplifed I2C bus interface compatible mode. Table 14.10 lists the
specifications of the I2C bus mode. Tables 14.11 and 14.12 list the registers used in the I2C bus mode
and the register values set. Table 14.13 lists the I2C bus mode fuctions. Figure 14.22 shows the block
diagram for I2C bus mode. Figure 14.23 shows SCL2 timing.
As shown in Table 14.13, the MCU is placed in I2C bus mode by setting bits SMD2 to SMD0 to 0102 and
the IICM bit to 1. Because SDA2 transmit output has a delay circuit attached, SDA output does not
change state until SCL2 goes low and remains stably low.
Table 14.10 I2C bus mode Specifications
Item
Specification
Transfer data format
• Transfer data length: 8 bits
Transfer clock
• During master
the CKDIR bit in the U2MR register is set to 0 (internal clock) : fj/ (2(n+1))
fj = f1SIO, f2SIO, f8SIO, f32SIO. n: Setting value in the U2BRG register 0016 to FF16
• During slave
CKDIR bit is set to 1 (external clock ) : Input from SCL2 pin
Transmission start condition • Before transmission can start, the following requirements must be met (1)
_ The TE bit in the U2C1 register is set to 1 (transmission enabled)
_ The TI bit in the U2C1 register is set to 0 (data present in U2TB register)
Reception start condition
• Before reception can start, the following requirements must be met (1)
_ The RE bit in the U2C1 register is set to 1 (reception enabled)
_ The TE bit in the U2C1 register is set to 1 (transmission enabled)
_ The TI bit in the U2C1 register is set to 0 (data present in the UiTB register)
When start or stop condition is detected, acknowledge undetected, and acknowledge
detected
Error detection
• Overrun error (2)
This error occurs if the serial I/O started receiving the next data before reading the
U2RB register and received the 8th bit in the the next data
Select function
• Arbitration lost
Timing at which the ABT bit in the U2RB register is updated can be selected
• SDA digital delay
No digital delay or a delay of 2 to 8 U2BRG count source clock cycles selectable
• Clock phase setting
With or without clock delay selectable
Interrupt request
generation timing
NOTES:
1. When an external clock is selected, the conditions must be met while the external clock is in the high
state.
2. If an overrun error occurs, bits 8 to 0 in the U2RB register are undefined. The IR bit in the S2RIC
register remains unchange.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com