Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 212Page - Renesas Technology Corp M16C/29 Datasheet HTML 213Page - Renesas Technology Corp M16C/29 Datasheet HTML 214Page - Renesas Technology Corp M16C/29 Datasheet HTML 215Page - Renesas Technology Corp M16C/29 Datasheet HTML 216Page - Renesas Technology Corp M16C/29 Datasheet HTML 217Page - Renesas Technology Corp M16C/29 Datasheet HTML 218Page - Renesas Technology Corp M16C/29 Datasheet HTML 219Page - Renesas Technology Corp M16C/29 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 499 page
background image
14.Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 192
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
• Example of receive timing when transfer data is 8 bits long (parity disabled, one stop bit)
Figure 14.17 Receive Operation
D0
Start
bit
Sampled “L”
UiBRG count
source
RxDi
Transfer clock
RTSi
Stop bit
1
0
0
1
“H”
“L”
0
1
Reception triggered when transfer clock
is generated by falling edge of start bit
UiC1 register
RE bit
UiC1 register
RI bit
SiRIC register
IR bit
Cleared to 0 when interrupt request is accepted, or cleared to 0 by program
Receive data taken in
D7
D1
Transferred from UARTi receive
register to UiRB register
The above timing diagram applies to the case where the register bits are set as follows:
• Set the PRYE bit in the UiMR register to 0 (parity disabled)
• Set the STPS bit in the UiMR register to 0 (1 stop bit)
• Set the CRD bit in the UiC0 register to 0 (CTSi/RTSi enabled), the CRS bit to 1 (RTSi selected)
i = 0 to 2
Read out from
UiRB register
14.1.2.1 Bit Rates
In UART mode, the frequency set by the UiBRG register (i=0 to 2) divided by 16 become the bit rates.
Table 14.9
lists example of bit rate and settings.
Table 14.9 Example of Bit Rates and Settings
Bit Rate Count Source
Peripheral Function Clock : 16MHz Peripheral Function Clock : 20MHz
(bps)
of BRG
Set Value of BRG : n Actual Time (bps) Set Value of BRG : n Actual Time (bps)
1200
f8
103(67h)
1202
129(81h)
1202
2400
f8
51(33h)
2404
64(40h)
2404
4800
f8
25(19h)
4808
32(20h)
4735
9600
f1
103(67h)
9615
129(81h)
9615
14400
f1
68(44h)
14493
86(56h)
14368
19200
f1
51(33h)
19231
64(40h)
19231
28800
f1
34(22h)
28571
42(2Ah)
29070
31250
f1
31(1Fh)
31250
39(27h)
31250
38400
f1
25(19h)
38462
32(20h)
37879
51200
f1
19(13h)
50000
24(18h)
50000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com