Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 208Page - Renesas Technology Corp M16C/29 Datasheet HTML 209Page - Renesas Technology Corp M16C/29 Datasheet HTML 210Page - Renesas Technology Corp M16C/29 Datasheet HTML 211Page - Renesas Technology Corp M16C/29 Datasheet HTML 212Page - Renesas Technology Corp M16C/29 Datasheet HTML 213Page - Renesas Technology Corp M16C/29 Datasheet HTML 214Page - Renesas Technology Corp M16C/29 Datasheet HTML 215Page - Renesas Technology Corp M16C/29 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 499 page
background image
14.Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 188
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Item
Specification
Transfer data format
• Character bit (transfer data): Selectable from 7, 8 or 9 bits
• Start bit: 1 bit
• Parity bit: Selectable from odd, even, or none
• Stop bit: Selectable from 1 or 2 bits
Transfer clock
• The CKDIR bit in the UiMR(i=0 to 2) register is set to 0 (internal clock) : fj/ (16(n+1))
fj = f1SIO, f2SIO, f8SIO, f32SIO. n: Setting value of UiBRG register
0016 to FF16
• CKDIR bit is set to 1 (external clock ) : fEXT/16(n+1)
fEXT: Input from CLKi pin. n :Setting value of UiBRG register
0016 to FF16
Transmission, reception control
_______
_______
_______ _______
• Selectable from CTS function, RTS function or CTS/RTS function disable
Transmission start condition • Before transmission can start, the following requirements must be met
_ The TE bit in the UiC1 register is set to 1 (transmission enabled)
_ The TI bit in the UiC1 register is set to 0 (data present in UiTB register)
_______
_______
_ If CTS function is selected, input on the CTSi pin is set to “L”
Reception start condition
• Before reception can start, the following requirements must be met"
_ The RE bit in the UiC1 register is set to 1 (reception enabled)
_ Start bit detection
• For transmission, one of the following conditions can be selected
_ The UiIRS bit (2) is set to 0 (transmit buffer empty): when transferring data from the
UiTB register to the UARTi transmit register (at start of transmission)
_ The UiIRS bit is set to1 (transfer completed): when the serial I/O finished sending
data from the UARTi transmit register
• For reception
When transferring data from the UARTi receive register to the UiRB register (at
completion of reception)
Error detection
• Overrun error (1)
This error occurs if the serial I/O started receiving the next data before reading the
UiRB register and received the bit one before the last stop bit in the the next data
• Framing error
This error occurs when the number of stop bits set is not detected
• Parity error
This error occurs when if parity is enabled, the number of 1 in parity and
character bits does not match the number of 1 set
• Error sum flag
This flag is set to 1 when any of the overrun, framing, and parity errors is encountered
Select function
• LSB first, MSB first selection
Whether to start sending/receiving data beginning with bit 0 or beginning with bit 7
can be selected
• Serial data logic switch (UART2)
This function reverses the logic of the transmit/receive data. The start and stop bits
are not reversed.
• TXD, RXD I/O polarity switch (UART2)
This function reverses the polarities of hte TXD pin output and RXD pin input. The
logic levels of all I/O data is reversed.
_______ _______
• Separate CTS/RTS pins (UART0)
_________
_________
CTS0 and RTS0 are input/output from separate pins
• UART1 pin remapping selection
The UART1 pin can be selected from the P67 to P64 or P73 to P70
NOTES:
1. If an overrun error occurs, bits 8 to 0 in the UiRB register are undefined. The IR bit in the SiRIC register remains unchange.
2. Bits U0IRS and U1IRS respectively are the UCON register bits 0 and 1; the U2IRS bit is the U2C1 register bit 4.
14.1.2 Clock Asynchronous Serial I/O (UART) Mode
The UART mode allows transmitting and receiving data after setting the desired bit rate and transfer data
format. Table 14.5 lists the specifications of the UART mode.
Table 14.5 UART Mode Specifications
Interrupt request
generation timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com