Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 207Page - Renesas Technology Corp M16C/29 Datasheet HTML 208Page - Renesas Technology Corp M16C/29 Datasheet HTML 209Page - Renesas Technology Corp M16C/29 Datasheet HTML 210Page - Renesas Technology Corp M16C/29 Datasheet HTML 211Page - Renesas Technology Corp M16C/29 Datasheet HTML 212Page - Renesas Technology Corp M16C/29 Datasheet HTML 213Page - Renesas Technology Corp M16C/29 Datasheet HTML 214Page - Renesas Technology Corp M16C/29 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 187
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
_______ _______
14.1.1.7 CTS/RTS separate function (UART0)
_______
_______
_______
_______
This function separates CTS0/RTS0, outputs RTS0 from the P60 pin, and accepts as input the CTS0
from the P64 pin or P70 pin. To use this function, set the register bits as shown below.
_______ _______
• The CRD bit in the U0C0 register is set to 0 (enables UART0 CTS/RTS)
_______
• The CRS bit in the U0C0 register is set to 1 (outputs UART0 RTS)
_______ _______
• The CRD bit in the U1C0 register is set to 0 (enables UART1 CTS/RTS)
_______
• The CRS bit in the U1C0 register is set to 0 (inputs UART1 CTS)
_______
• The RCSP bit in the UCON register is set to 1 (inputs CTS0 from the P64 pin or P70 pin)
• The CLKMD1 bit in the UCON register is set to 0 (CLKS1 not used)
_______ _______
_______ _______
Note that when using the CTS/RTS separate function, UART1 CTS/RTS separate function cannot be
used.
Figure 14.15 CTS/RTS separate function usage
MCU
TXD0 (P63)
CLK0 (P61)
CTS0 (P64)
IC
IN
OUT
CLK
RXD0 (P62)
RTS0 (P60)CTS
RTS
NOTE:
1. This applies to the case where the U1MAP bit in the PACR register is set to 0 (P67 to P64).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com