Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 210Page - Renesas Technology Corp M16C/29 Datasheet HTML 211Page - Renesas Technology Corp M16C/29 Datasheet HTML 212Page - Renesas Technology Corp M16C/29 Datasheet HTML 213Page - Renesas Technology Corp M16C/29 Datasheet HTML 214Page - Renesas Technology Corp M16C/29 Datasheet HTML 215Page - Renesas Technology Corp M16C/29 Datasheet HTML 216Page - Renesas Technology Corp M16C/29 Datasheet HTML 217Page - Renesas Technology Corp M16C/29 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 499 page
background image
14.Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 190
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 14.7
lists the functions of the input/output pins in UART mode. Table 14.8 lists the P64 pin func-
tions during UART mode. Note that for a period from when the UARTi operation mode is selected to when
transfer starts, the TxDi pin outputs an “H”. (If the N-channel open-drain output is selected, this pin is in a
high-impedance state.)
Table 14.7 I/O Pin Functions in UART mode(1)
Table 14.8 P64 Pin Functions in UART mode (1)
Pin Name
Function
Method of Selection
TxDi (i = 0 to 2)
(P63, P67, P70)
Serial data output
Serial data input
Input/output port
Transfer clock input
Input/output port
(Outputs "H" when performing reception only)
RxDi
(P62, P66, P71)
CLKi
(P61, P65, P72)
Set the CKDIR bit in the UiMR register to 0
Set the CKDIR bit in the UiMR register to 1
Set the PD6_1 bit and PD6_5 bit in the PD6 register to 0, PD7_2 bit in the PD7
register to 0
PD6_2 bit, PD6_6 bit in the PD6 register and the PD7_1 bit in the PD7 register
(Can be used as an input port when performing transmission only)
Set the CRD bit in the UiC0 register to 0
Set the CRS bit in the UiC0 register to 0
Set the PD6_0 bit and PD6_4 bit in the PD6 register to 0, the PD7_3 bit in the
PD7 register 0
Set the CRD bit in the UiC0 register to 0
Set the CRS bit in the UiC0 register to 1
Set the CRD bit in the UiC0 register 1
CTS input
RTS output
CTSi/RTSi
(P60, P64, P73)
NOTE:
1. When the U1MAP bit in PACR register is set to 1 (P73 to P70), UART1 pin is assgined to P73 to P70.
Pin Function
Bit Set Value
U1C0 register
UCON register
PD6 register
CRD
CRS
RCSP
CLKMD1
PD6_4
P64
1
0
0
Input: 0, Output: 1
CTS1
00
0
0
RTS1
10
0
CTS0 (2)
0
0
0
00
10
NOTES:
1. When the U1MAP bit in PACR register is 1 (P73 to P70), this table lists the P70 functions.
2. In addition to this, set the CRD bit in the U0C0 register to 0 (CTS0/RTS0 enabled) and the
CRS bit in the U0C0 register to 1 (RTS0 selected).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com