Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 209Page - Renesas Technology Corp M16C/29 Datasheet HTML 210Page - Renesas Technology Corp M16C/29 Datasheet HTML 211Page - Renesas Technology Corp M16C/29 Datasheet HTML 212Page - Renesas Technology Corp M16C/29 Datasheet HTML 213Page - Renesas Technology Corp M16C/29 Datasheet HTML 214Page - Renesas Technology Corp M16C/29 Datasheet HTML 215Page - Renesas Technology Corp M16C/29 Datasheet HTML 216Page - Renesas Technology Corp M16C/29 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 189
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 14.6 Registers to Be Used and Settings in UART Mode
Register
Bit
Function
UiTB
0 to 8
Set transmission data (1)
UiRB
0 to 8
Reception data can be read (1)
OER,FER,PER,SUM Error flag
UiBRG
0 to 7
Set bit rate
UiMR
SMD2 to SMD0
Set these bits to 1002 when transfer data is 7 bits long
Set these bits to 1012 when transfer data is 8 bits long
Set these bits to 1102 when transfer data is 9 bits long
CKDIR
Select the internal clock or external clock
STPS
Select the stop bit
PRY, PRYE
Select whether parity is included and whether odd or even
IOPOL(i=2) (4)
Select the TxD/RxD input/output polarity
UiC0
CLK0, CLK1
Select the count source for the UiBRG register
CRS
_______
_______
Select CTS or RTS to use
TXEPT
Transmit register empty flag
CRD
_______
_______
Enable or disable the CTS or RTS function
NCH
Select TxDi pin output mode
CKPOL
Set to 0
UFORM
LSB first or MSB first can be selected when transfer data is 8 bits long. Set this
bit to 0 when transfer data is 7 or 9 bits long.
UiC1
TE
Set this bit to 1 to enable transmission
TI
Transmit buffer empty flag
RE
Set this bit to 1 to enable reception
RI
Reception complete flag
U2IRS (2)
Select the source of UART2 transmit interrupt
U2RRM (2)
Set to 0
UiLCH (3)
Set this bit to 1 to use UART2 inverted data logic
UiERE (3)
Set to 0
UiSMR
0 to 7
Set to 0
UiSMR2
0 to 7
Set to 0
UiSMR3
0 to 7
Set to 0
UiSMR4
0 to 7
Set to 0
UCON
U0IRS, U1IRS
Select the source of UART0/UART1 transmit interrupt
U0RRM, U1RRM
Set to 0
CLKMD0
Invalid because CLKMD1 is set to 0
CLKMD1
Set to 0
RCSP
_________
Set this bit to 1 to accept as input the UART0 CTS0 signal from the P64 pin
7
Set to 0
NOTES:
1. The bits used for transmit/receive data are as follows: Bit 0 to bit 6 when transfer data is 7 bits long;
bits 7 to 0 when transfer data is 8 bits long; bit 0 to bit 8 when transfer data is 9 bits long.
2. Set bits 5 and 4 in registers U0C1 and U1C1 to 0. Bits U0IRS, U1IRS, U0RRM and U1RRM are
included in the UCON register.
3. Set bits 7 and 6 in registers U0C1 and U1C1 to 0.
4. Set the bit 7 in registers U0MR and U1MR to 0.
i=0 to 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com