Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 205Page - Renesas Technology Corp M16C/29 Datasheet HTML 206Page - Renesas Technology Corp M16C/29 Datasheet HTML 207Page - Renesas Technology Corp M16C/29 Datasheet HTML 208Page - Renesas Technology Corp M16C/29 Datasheet HTML 209Page - Renesas Technology Corp M16C/29 Datasheet HTML 210Page - Renesas Technology Corp M16C/29 Datasheet HTML 211Page - Renesas Technology Corp M16C/29 Datasheet HTML 212Page - Renesas Technology Corp M16C/29 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 185
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
14.1.1.2 CLK Polarity Select Function
Use the CKPOL bit in the UiC0 register (i=0 to 2) to select the transfer clock polarity. Figure 14.11
shows the polarity of the transfer clock.
Figure 14.11 Polarity of transfer clock
14.1.1.3 LSB First/MSB First Select Function
Use the UFORM bit in the UiC0 register (i=0 to 2) to select the transfer format. Figure 14.12 shows
the transfer format.
Figure 14.12 Transfer format
(2) When the CKPOL bit in the UiC0 register is set to 1 (transmit data output at the rising
edge and the receive data taken in at the falling edge of the transfer clock)
D1
D2
D3
D4
D5
D6
D7
D1
D2
D3
D4
D5
D6
D7
D0
D0
TXDi
RXDi
CLKi
(1) When the CKPOL bit in the UiC0 register is set to 0 (transmit data output at the falling edge
and the receive data taken in at the rising edge of the transfer clock)
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
TXDi
RXDi
CLKi
(2)
(3)
i = 0 to 2
NOTES:
1. This applies to the case where the UFORM bit in the UiC0 register is set to 0 (LSB first) and the
UiLCH bit in the UiC1 register is set to 0 (no reverse).
2. When not transferring, the CLKi pin outputs a high signal.
(1) When the UFORM bit in the UiC0 register 0 (LSB first)
D0
D0
D1
D2
D3
D4
D5
D6
D7
D1
D2
D3
D4
D5
D6
D7
TXDi
RXDi
CLKi
(2) When the UFORM bit in the UiC0 register is set to 1 (MSB first)
D6
D5
D4
D3
D2
D1
D0
D7
D7
D6
D5
D4
D3
D2
D1
D0
TXDi
RXDi
CLKi
i = 0 to 2
NOTE:
1. This applies to the case where the CKPOL bit in the UiC0 register is set to 0 (transmit data output at
the falling edge and the receive data taken in at the rising edge of the transfer clock) and the
UiLCH bit in the UiC1 register 0 (no reverse).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com