Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 202Page - Renesas Technology Corp M16C/29 Datasheet HTML 203Page - Renesas Technology Corp M16C/29 Datasheet HTML 204Page - Renesas Technology Corp M16C/29 Datasheet HTML 205Page - Renesas Technology Corp M16C/29 Datasheet HTML 206Page - Renesas Technology Corp M16C/29 Datasheet HTML 207Page - Renesas Technology Corp M16C/29 Datasheet HTML 208Page - Renesas Technology Corp M16C/29 Datasheet HTML 209Page - Renesas Technology Corp M16C/29 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 499 page
background image
14.Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 182
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 14.3
lists pin functions for the case where the multiple transfer clock output pin select function is
deselected. Table 14.4 lists the P64 pin functions during clock synchronous serial I/O mode.
Note that for a period from when the UARTi operation mode is selected to when transfer starts, the TxDi
pin outputs an “H”. (If the N-channel open-drain output is selected, this pin is in a high-impedance state.)
Table 14.3 Pin Functions
(When Not Select Multiple Transfer Clock Output Pin Function)(1)
Table 14.4 P64 Pin Functions(1)
Pin Name
Function
Method of Selection
TxDi (i = 0 to 2)
(P63, P67, P70)
Serial data output
Serial data input
Transfer clock output
Transfer clock input
I/O port
(Outputs dummy data when performing reception only)
RxDi
(P62, P66, P71)
CLKi
(P61, P65, P72)
Set the CKDIR bit in the UiMR register to 0
Set the CKDIR bit in the UiMR register to 1
Set the PD6_1 bit and PD6_5 bit in the PD6 register, and the PD7_2 bit in the
PD7 register to 0
Set the PD6_2 bit and PD6_6 bit in the PD6 register, and PD7_1 bit in the PD7
register to 0 (Can be used as an input port when performing transmission only)
Set the CRD bit in the UiC0 register to 0
Set the CRS bit in the UiC0 register to 0
Set the PD6_0 bit and PD6_4 bit in the PD6 register is set to 0, the PD7_3 bit
in the PD7 register to 0
Set the CRD bit in the UiC0 register to 0
Set the CRS bit in the UiC0 register to 1
Set the CRD bit in the UiC0 register to 1
CTS input
RTS output
CTSi/RTSi
(P60, P64, P73)
NOTE:
1: When the U1MAP bit in PACR register is 1 (P73 to P70), UART1 pin is assgined to P73 to P70.
Pin Function
Bit Set Value
U1C0 register
UCON register
PD6 register
CRD
CRS
RCSP
CLKMD1
CLKMD0
PD6_4
P64
1
0
0
Input: 0, Output: 1
CTS1
00
0
0
RTS1
10
0
CTS0(2)
0
CLKS1
0
0
00
1
1
0
1(3)
NOTES:
1. When the U1MAP bit in PACR register is 1 (P73 to P70), this table lists the P70 functions.
2. In addition to this, set the CRD bit in the U0C0 register to 0 (CT00/RT00 enabled) and the CRS bit in the
U0C0 register to 1 (RTS0 selected).
3. When the CLKMD1 bit is set to 1 and the CLKMD0 bit is set to 0, the following logic levels are output:
• High if the CLKPOL bit in the U1C0 register is set to 0
• Low if the CLKPOL bit in the U1C0 register is set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com