Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 200Page - Renesas Technology Corp M16C/29 Datasheet HTML 201Page - Renesas Technology Corp M16C/29 Datasheet HTML 202Page - Renesas Technology Corp M16C/29 Datasheet HTML 203Page - Renesas Technology Corp M16C/29 Datasheet HTML 204Page - Renesas Technology Corp M16C/29 Datasheet HTML 205Page - Renesas Technology Corp M16C/29 Datasheet HTML 206Page - Renesas Technology Corp M16C/29 Datasheet HTML 207Page - Renesas Technology Corp M16C/29 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 499 page
background image
14.Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 180
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
14.1.1 Clock Synchronous serial I/O Mode
The clock synchronous serial I/O mode uses a transfer clock to transmit and receive data. Table 14.1
lists the specifications of the clock synchronous serial I/O mode. Table 14.2 lists the registers used in
clock synchronous serial I/O mode and the register values set.
Item
Specification
Transfer data format
• Transfer data length: 8 bits
Transfer clock
• The CKDIR bit in the UiMR(i=0 to 2) register is set to 0 (internal clock) : fj/ (2(n+1))
fj = f1SIO, f2SIO, f8SIO, f32SIO. n: Setting value of UiBRG register
0016 to FF16
• CKDIR bit is set to 1 (external clock ) : Input from CLKi pin
Transmission, reception control
_______
_______
_______ _______
• Selectable from CTS function, RTS function or CTS/RTS function disable
Transmission start condition
• Before transmission can start, the following requirements must be met (1)
_ The TE bit in the UiC1 register is set to 1 (transmission enabled)
_ The TI bit in the UiC1 register is set to 0 (data present in UiTB register)
_______
_______
_ If CTS function is selected, input on the CTSi pin is set to “L”
Reception start condition
• Before reception can start, the following requirements must be met (1)
_ The RE bit in the UiC1 register is set to 1 (reception enabled)
_ The TE bit in the UiC1 register is set to 1 (transmission enabled)
_ The TI bit in the UiC1 register is set to 0 (data present in the UiTB register)
• For transmission, one of the following conditions can be selected
_ The UiIRS bit (3) is set to 0 (transmit buffer empty): when transferring data from the
UiTB register to the UARTi transmit register (at start of transmission)
_ The UiIRS bit is set to 1 (transfer completed): when the serial I/O finished sending
data from the UARTi transmit register
• For reception
When transferring data from the UARTi receive register to the UiRB register (at
completion of reception)
Error detection
• Overrun error (2)
This error occurs if the serial I/O started receiving the next data before reading the
UiRB register and received the 7th bit in the the next data
Select function
• CLK polarity selection
Transfer data input/output can be chosen to occur synchronously with the rising or
the falling edge of the transfer clock
• LSB first, MSB first selection
Whether to start sending/receiving data beginning with bit 0 or beginning with bit 7
can be selected
• Continuous receive mode selection
Reception is enabled immediately by reading the UiRB register
• Switching serial data logic (UART2)
This function reverses the logic value of the transmit/receive data
• Transfer clock output from multiple pins selection (UART1)
The output pin can be selected in a program from two UART1 transfer clock pins that
have been set
_______ _______
• Separate CTS/RTS pins (UART0)
_________
_________
CTS0 and RTS0 are input/output from separate pins
• UART1 pin remapping selection
The UART1 pin can be selected from the P67 to P64 or P73 to P70
NOTES:
1. When an external clock is selected, the conditions must be met while if the CKPOL bit in the UiC0 register is set to 0
(transmit data output at the falling edge and the receive data taken in at the rising edge of the transfer clock), the external
clock is in the high state; if the CKPOL bit in the UiC0 register is set to 1 (transmit data output at the rising edge and the
receive data taken in at the falling edge of the transfer clock), the external clock is in the low state.
2. If an overrun error occurs, bits 8 to 0 in the UiRB register are undefined. The IR bit in the SiRIC register remains unchanged.
3. The U0IRS and U1IRS bits respectively are the bits 0 and 1 in the UCON register; the U2IRS bit is bit 4 in the U2C1 register.
Interrupt request
generation timing
Table 14.1 Clock Synchronous Serial I/O Mode Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com