Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 197Page - Renesas Technology Corp M16C/29 Datasheet HTML 198Page - Renesas Technology Corp M16C/29 Datasheet HTML 199Page - Renesas Technology Corp M16C/29 Datasheet HTML 200Page - Renesas Technology Corp M16C/29 Datasheet HTML 201Page - Renesas Technology Corp M16C/29 Datasheet HTML 202Page - Renesas Technology Corp M16C/29 Datasheet HTML 203Page - Renesas Technology Corp M16C/29 Datasheet HTML 204Page - Renesas Technology Corp M16C/29 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 177
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 14.7 U0C1 to U2C1 Register, and PACR Register
UARTi Transmit/receive Control Register 1 (i=0, 1)
Symbol
Address
After Reset
U0C1, U1C1
03A516,03AD16
000000102
b7 b6 b5 b4 b3 b2 b1 b0
Bit Name
Bit
Symbol
RW
Function
TE
TI
RE
RI
Transmit enable bit
Receive enable bit
Receive complete flag
Transmit buffer
empty flag
0 : Transmission disabled
1 : Transmission enabled
0 : Data present in UiTB register
1 : No data present in UiTB register
0 : Reception disabled
1 : Reception enabled
0 : No data present in UiRB register
1 : Data present in UiRB register
Nothing is assigned.
If necessary, set to 0. When read, the content is 0
UART2 Transmit/receive Control Register 1
Symbol
Address
After Reset
U2C1
037D16
000000102
b7 b6 b5 b4 b3 b2 b1 b0
Bit Name
Bit
Symbol
Function
TE
TI
RE
RI
Transmit enable bit
Receive enable bit
Receive complete flag
Transmit buffer
empty flag
0 : Transmission disabled
1 : Transmission enabled
0 : Reception disabled
1 : Reception enabled
U2IRS UART2 transmit interrupt
cause select bit
0 : Transmit buffer empty (TI = 1)
1 : Transmit is completed (TXEPT = 1)
U2RRM UART2 continuous
receive mode enable bit
0 : Continuous receive mode disabled
1 : Continuous receive mode enabled
Data logic select bit
0 : No reverse
1 : Reverse
U2LCH
U2ERE Error signal output
enable bit
0 : Output disabled
1 : Output enabled
RW
RW
RO
RO
RW
RW
RW
RW
RW
RW
RW
RO
RO
(b7-b4)
0 : Data present in U2TB register
1 : No data present in U2TB register
0 : No data present in U2RB register
1 : Data present in U2RB register
Pin Assignment Control Register (1)
Symbpl
Address
After Reset
PACR
025D16
0016
Bit Name
Function
Bit Symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
Pin enabling bit
RW
(b6-b3)
010 : 64 pin
011 : 80 pin
All other values are reserved. Do
not use.
PACR0
PACR1
PACR2
RW
RW
Reserved bits
U1MAP
UART1 pin remapping bit
UART1 pins assigned to
0 : P67 to P64
1 : P73 to P70
RW
NOTE:
1. Set the PACR register by the next instruction after setting the PRC2 bit in the PRCR register to 1(write enable).
Nothing is assigned.
If necessary, set to 0. When
read, the content is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com