Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 195Page - Renesas Technology Corp M16C/29 Datasheet HTML 196Page - Renesas Technology Corp M16C/29 Datasheet HTML 197Page - Renesas Technology Corp M16C/29 Datasheet HTML 198Page - Renesas Technology Corp M16C/29 Datasheet HTML 199Page - Renesas Technology Corp M16C/29 Datasheet HTML 200Page - Renesas Technology Corp M16C/29 Datasheet HTML 201Page - Renesas Technology Corp M16C/29 Datasheet HTML 202Page - Renesas Technology Corp M16C/29 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 175
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 14.5 U0MR to U2MR Registers
UARTi Transmit/receive Mode Register (i=0, 1)
b7 b6 b5 b4 b3 b2 b1 b0
Bit Name
Bit
Symbol
CKDIR
SMD1
SMD0 Serial I/O mode select bit
(2)
SMD2
Internal/external clock
select bit
STPS
PRY
PRYE
(b7)
Parity enable bit
0 : Internal clock
1 : External clock (1)
Stop bit length select bit
Odd/even parity select bit
Reserve bit
0 : One stop bit
1 : Two stop bits
0 : Parity disabled
1 : Parity enabled
b2 b1 b0
Effective when PRYE = 1
0 : Odd parity
1 : Even parity
Set to 0
Function
RW
RW
RW
RW
RW
RW
RW
RW
RW
UART2 Transmit/receive Mode Register
b7 b6 b5 b4 b3 b2 b1 b0
Bit Name
Bit
Symbol
CKDIR
SMD1
SMD0 Serial I/O mode select bit
(2)
SMD2
Internal/external clock
select bit
STPS
PRY
PRYE
IOPOL
Parity enable bit
0 : Internal clock
1 : External clock (1)
Stop bit length select bit
Odd/even parity select bit
TxD, RxD I/O polarity
reverse bit
0 : One stop bit
1 : Two stop bits
0 : Parity disabled
1 : Parity enabled
b2 b1 b0
Effective when PRYE = 1
0 : Odd parity
1 : Even parity
0 : No reverse
1 : Reverse
Function
RW
RW
RW
RW
RW
RW
RW
RW
RW
0
Symbol Address
After Reset
U2MR
037816
0016
NOTES:
1. Set the corresponding port direction bit for each CLKi pin to 0 (input mode).
2. To receive data, set the corresponding port direction bit for each RxDi pin to 0.
Symbol
Address
After Reset
U0MR, U1MR
03A016, 03A816
0016
NOTES:
1. Set the corresponding port direction bit for each CLK2 pin to 0 (input mode).
2. To receive data, set the corresponding port direction bit for each RxD2 pin to 0 (input mode).
3. Set the corresponding port direction bit for SCL2 and SDA2 pins to 0 (input mode).
0 0 0 : Serial I/O disabled
0 0 1 : Clock synchronous serial I/O mode
0 1 0 : I2C bus mode(3)
1 0 0 : UART mode transfer data 7 bit long
1 0 1 : UART mode transfer data 8 bit long
1 1 0 : UART mode transfer data 9 bits long
Do not set the value other than the above
0 0 0 : Serial I/O disabled
0 0 1 : Clock synchronous serial I/O mode
1 0 0 : UART mode transfer data 7 bit long
1 0 1 : UART mode transfer data 8 bit long
1 1 0 : UART mode transfer data 9 bit long
Do not set the value other than the above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com