Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 194Page - Renesas Technology Corp M16C/29 Datasheet HTML 195Page - Renesas Technology Corp M16C/29 Datasheet HTML 196Page - Renesas Technology Corp M16C/29 Datasheet HTML 197Page - Renesas Technology Corp M16C/29 Datasheet HTML 198Page - Renesas Technology Corp M16C/29 Datasheet HTML 199Page - Renesas Technology Corp M16C/29 Datasheet HTML 200Page - Renesas Technology Corp M16C/29 Datasheet HTML 201Page - Renesas Technology Corp M16C/29 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 499 page
background image
14.Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 174
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 14.4 U0TB to U2TB, U0RB to U2RB, U0BRG to U2BRG Registers
(b15)
b7
b0
(b8)
b7
b0
UARTi Transmit Buffer Register (i=0 to 2)(1)
Function
Transmit data
Nothing is assigned. If necessary, set to 0.
When read, their contents are undefined
Symbol
Address
After Reset
U0TB
03A316-03A216
Undefined
U1TB
03AB16-03AA16
Undefined
U2TB
037B16-037A16
Undefined
NOTES:
1. Use MOV instruction to write to this register.
RW
WO
b7
UARTi Baud Rate Generation Register (i=0 to 2)(1, 2, 3)
b0
Symbol
Address
After Reset
U0BRG
03A116
Undefined
U1BRG
03A916
Undefined
U2BRG
037916
Undefined
Function
Assuming that set value = n, UiBRG divides
the count source by n + 1
Setting Range
NOTES:
1. Write to this register while serial I/O is neither transmitting nor receiving.
2. Use MOV instruction to write to this register.
The transfer clock is shown below when the setting value in the UiBRG register is set as n.
(1) When the CKDIR bit in the UiMR register to 0 (internal clock)
• Clock synchronous serial I/O mode
: fj/(2(n+1))
• Clock asynchronous serial I/O (UART) mode : fj/(16(n+1))
(2) When the CKDIR bit in the UiMR register to 1 (external clock)
• Clock synchronous serial I/O mode
: fEXT
• Clock asynchronous serial I/O (UART) mode : fEXT/(16(n+1))
fj : f1SIO, f2SIO, f8SIO, f32SIO
fEXT : Input from CLKi pin
3. Set the UiBRG register after setting bits CLK1 and CLK0 in the registers UiC0.
RW
WO
(b15)
Symbol
Address
After Reset
U0RB
03A716-03A616
undefined
U1RB
03AF16-03AE16
undefined
U2RB
037F16-037E16
undefined
b7
b0
(b8)
b7
b0
UARTi Receive Buffer Register (i=0 to 2)
Function
Bit Name
Bit
Symbol
0 : No framing error
1 : Framing error found
0 : No parity error
1 : Parity error found
0 : No error
1 : Error found
OER
FER
PER
SUM
Overrun error flag(1)
Framing error flag(1)
Parity error flag(1)
Error sum flag (1)
0 : No overrun error
1 : Overrun error found
ABT
Arbitration lost
detecting flag (2)
0 : Not detected
1 : Detected
(b7-b0)
(b10-b9)
(b8)
Nothing is assigned. If necessary, set to 0.
When read, their contents are undefined
RW
RO
RW
RO
RO
RO
RO
RO
0016 to FF16
Receive data (D8)
Receive data (D7 to D0)
NOTES:
1. When the SMD2 to SMD0 bits in the UiMR register are set to 0002 (serial I/O disabled) or the RE bit in the UiC1 register is set to
0 (reception disabled), all bits SUM, PER, FER and OER are set to 0 (no error). The SUM bit is set to 0 (no error) when all of the
PER, FER and OER bits are set to 0 (no error). Also, bits PER and FER are set to 0 by reading the lower byte of the UiRB
register.
2. The ABT bit is set to 0 by setting to 0 by program. (Writing 1 has no effect.) Nothing is assigned at the bit 11 in the U0RB and
U1RB registers. If necessary, set to 0. When read, its content is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com