Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 191Page - Renesas Technology Corp M16C/29 Datasheet HTML 192Page - Renesas Technology Corp M16C/29 Datasheet HTML 193Page - Renesas Technology Corp M16C/29 Datasheet HTML 194Page - Renesas Technology Corp M16C/29 Datasheet HTML 195Page - Renesas Technology Corp M16C/29 Datasheet HTML 196Page - Renesas Technology Corp M16C/29 Datasheet HTML 197Page - Renesas Technology Corp M16C/29 Datasheet HTML 198Page - Renesas Technology Corp M16C/29 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 171
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 14.1 Block diagram of UARTi (i = 0 to 2)
Clock synchronous type
(when internal clock is selected)
Clock synchronous type
(when external clock is selected)
Clock source selection
Internal
External
CTS/RTS disabled
CTS/RTS selected
RxD0
1 / (n0+1)
1/16
1/16
1/2
U0BRG
register
CLK0
CTS0 / RTS0
f1SIO or f2SIO
f8SIO
f32SIO
VCC
RTS0
CTS0
TxD0
(UART0)
CLK1 to CLK0
002
012
102
CKDIR=0
CKDIR=1
CKPOL
CKDIR=0
CKDIR=1
CRS=1
CRS=0
CRD=0
CRD=1
RCSP=0
RCSP=1
VCC
CRD=0
CRD=1
UART reception
Clock synchronous
type
UART transmission
Clock synchronous
type
Clock synchronous type
(when internal clock is selected)
Receive
clock
Transmit
clock
Reception
control circuit
Transmission control
circuit
Transmit/
receive
unit
CLK
polarity
reversing
circuit
CTS/RTS disabled
CTS0 from UART1
UART reception
Clock synchronous
type
RxD1
TxD1
(UART1)
1 / (n1+1)
1/16
1/16
1/2
U1BRG
register
CLK1
f1SIO or f2SIO
f8SIO
f32SIO
CLK1 to CLK0
002
012
102
CKDIR=0
CKDIR=1
CKPOL
CKDIR=0
CKDIR=1
VCC
CRD=0
CRD=1
CLKMD0=0
CLKMD1=0
CRS=1
CRS=0
RCSP=0
RCSP=1
CLKMD0=1
CLKMD1=1
Clock source selection
Internal
External
UART transmission
Clock synchronous
type
Clock synchronous type
(when internal clock is selected)
Receive
clock
Transmit
clock
Reception
control circuit
Transmission
control circuit
Transmit/
receive
unit
Clock synchronous type
(when external clock is selected)
Clock synchronous type
(when internal clock is selected)
CLK
polarity
reversing
circuit
RTS1
CTS1
Clock output
pin select
CTS/RTS disabled
CTS/RTS disabled
CTS/RTS selected
CTS0 from UART0
CTS1 / RTS1/
CTS0/ CLKS1
i = 0 to 2
ni: Values set to the UiBRG register
SMD2 to SMD0, CKDIR: Bists in the UiMR register
CLK1 to CLK0, CKPOL, CRD, CRS: Bits in the UiC0 register
CLKMD0, CLKMD1, RCSP: Bits in the UCON register
RxD2
CLK2
CTS2 / RTS2
RTS2
CTS2
TxD2
(UART2)
1 / (n2+1)
1/16
1/16
1/2
U2BRG
register
f1SIO or f2SIO
f8SIO
f32SIO
CLK1 to CLK0
002
012
102
CKDIR=0
CKDIR=1
CKPOL
CKDIR=0
CKDIR=1
CRS=1
CRS=0
VCC
CRD=0
CRD=1
Reception
control circuit
Transmission
control circuit
UART reception
Clock synchronous
type
UART transmission
Clock synchronous
type
Clock synchronous type
(when internal clock is selected)
Receive
clock
Transmit
clock
RxD polarity
reversing circuit
Internal
External
Clock source selection
TxD
polarity
reversing
circuit
Transmit/
receive
unit
Clock synchronous type
(when internal clock is selected)
Clock synchronous type
(when external clock is selected)
CLK
polarity
reversing
circuit
CTS/RTS disabled
CTS/RTS disabled
CTS/RTS
selected
Main clock, PLL clock,
or on-chip oscillator clock
1/2
1/8
1/4
f1SIO
f2SIO
f8SIO
f32SIO
f1SIO or f2SIO
PCLK1=1
PCLK1=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com