Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 188Page - Renesas Technology Corp M16C/29 Datasheet HTML 189Page - Renesas Technology Corp M16C/29 Datasheet HTML 190Page - Renesas Technology Corp M16C/29 Datasheet HTML 191Page - Renesas Technology Corp M16C/29 Datasheet HTML 192Page - Renesas Technology Corp M16C/29 Datasheet HTML 193Page - Renesas Technology Corp M16C/29 Datasheet HTML 194Page - Renesas Technology Corp M16C/29 Datasheet HTML 195Page - Renesas Technology Corp M16C/29 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 168
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Pin
IFE FSC MOD1 MOD0 Port Direction
Port Data
P27/INPC17/ 0
X
X
X
Determined by PD27
P27
OUTC17
1
1
X
X
Determined by PD27, Input to INPC17 is always active P27 or INPC17
1
0
0
0
Single-phase Waveform Output
OUTC17
1
0
0
1
Determined by PD27, SR waveform output mode
P27
1
0
1
0
Phase-delayed Waveform Output
OUTC17
P26/INPC16/ 0
X
X
X
Determined by PD26
P26
OUTC16
1
1
X
X
Determined by PD26, Input to INPC16 is always active P26 or INPC16
1
0
0
0
Single-phase Waveform Output
OUTC16
1
0
0
1
SR Waveform Output
OUTC16
1
0
1
0
Phase-delayed Waveform Output
OUTC16
P25/INPC15/ 0
X
X
X
Determined by PD25
P25
OUTC15
1
1
X
X
Determined by PD25, Input to INPC15 is always active P25 or INPC15
1
0
0
0
Single-phase Waveform Output
OUTC15
1
0
0
1
Determined by PD25, SR Waveform Output mode
P25
1
0
1
0
Phase-delayed Waveform Output
OUTC15
P24/INPC14/ 0
X
X
X
Determined by PD24
P24
OUTC14
1
1
X
X
Determined by PD24, Input to INPC14 is always active P24 or INPC14
1
0
0
0
Single-phase Waveform Output
OUTC14
1
0
0
1
SR Waveform Output
OUTC14
1
0
1
0
Phase-delayed Waveform Output
OUTC14
P23/INPC13/ 0
X
X
X
Determined by PD23
P23
OUTC13
1
1
X
X
Determined by PD23, Input to INPC13 is always active P23 or INPC13
1
0
0
0
Single-phase Waveform Output
OUTC13
1
0
0
1
Determined by PD23, SR waveform output mode
P23
1
0
1
0
Phase-delayed Waveform Output
OUTC13
P22/INPC12/ 0
X
X
X
Determined by PD22
P22
OUTC12
1
1
X
X
Determined by PD22, Input to INPC12 is always active P22 or INPC12
1
0
0
0
Single-phase Waveform Output
OUTC12
1
0
0
1
SR Waveform Output
OUTC12
1
0
1
0
Phase-delayed Waveform Output
OUTC12
P21/INPC11/ 0
X
X
X
Determined by PD21
P21
OUTC11
1
1
X
X
Determined by PD21, Input to INPC11 is always active P21 or INPC11
1
0
0
0
Single-phase Waveform Output
OUTC11
1
0
0
1
Determined by PD21, SR waveform output mode
P21
1
0
1
0
Phase-delayed Waveform Output
OUTC11
P20/INPC10/ 0
X
X
X
Determined by PD20
P20
OUTC10
1
1
X
X
Determined by PD20, Input to INPC10 is always active P20 or INPC10
1
0
0
0
Single-phase Waveform Output
OUTC10
1
0
0
1
SR Waveform Output
OUTC10
1
0
1
0
Phase-delayed Waveform Output
OUTC10
13.6 I/O Port Function Select
The value in the G1FE and G1FS registers decides which IC/OC pin to be an input or output pin.
In SR waveform generating mode, two channels, a set of even channel and odd channel, are used every
output waveform, however, the waveform is output from an even channel only. In this case, the correspond-
ing pin to the odd channel can be used as an I/O port.
Table 13.11 Pin setting for Time Measurement and Waveform Generating Functions
IFE: IFEj (j=0 to 7) bits in the G1FE register.
FSC: FSCj (j=0 to 7) bits in the G1FS register.
MOD2 to MOD1: Bits in the G1POCRj (j=0 to 7) register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com