Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 184Page - Renesas Technology Corp M16C/29 Datasheet HTML 185Page - Renesas Technology Corp M16C/29 Datasheet HTML 186Page - Renesas Technology Corp M16C/29 Datasheet HTML 187Page - Renesas Technology Corp M16C/29 Datasheet HTML 188Page - Renesas Technology Corp M16C/29 Datasheet HTML 189Page - Renesas Technology Corp M16C/29 Datasheet HTML 190Page - Renesas Technology Corp M16C/29 Datasheet HTML 191Page - Renesas Technology Corp M16C/29 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 164
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
13.5.2 Phase-Delayed Waveform Output Mode
Output signal level of the OUTC1j pin is inversed every time the base timer value matches the G1POj
register value ( j=0 to 7). Table 13.9 lists specifications of phase-delayed waveform mode. Figure 13.23
shows an example of phase-delayed waveform mode operation.
Table 13.9 Phase-delayed Waveform Output Mode Specifications
Item
Specification
Output waveform
• Free-running operation
(bits RST1, RST2, and RST4 in registers G1BCR1 and G1BCR0 are set to 0
(no reset))
Cycle
:
"H" and "L" width
:
• The base timer is cleared to 000016 by matching the base timer with either
following register
(a) G1PO0 register (enabled by setting RST1 bit to 1, and bits RST4 and RST2 to 0), or
(b) G1BTRR register (enabled by setting RST4 bit to 1, and bits RST2 and RST1 to 0)
Cycle
:
"H" and "L" width
:
n : setting value of either G1PO0 register or G1BTRR register
Waveform output start condition
The IFEj bit in the G1FE register is set to 1 (channel j function enabled)
Waveform output stop condition
The IFEj bit is set to 0 (channel j function disabled)
Interrupt request
The G1IRj bit in the interrupt request register is set to 1 when the base timer
value matches the G1POj register value. (See Figure 13.23)
OUTC1j pin (1)
Pulse signal output pin
Selectable function
• Default value set function: Set starting waveform output level
• Inverse output function : Waveform output signal is inversed and provided
from the OUTC1j pin
NOTE:
1. Pins OUTC10 to OUTC17.
65536 x 2
fBT1
65536
fBT1
2(n+2)
fBT1
n+2
fBT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com